Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SRC4392 Fiches technique(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce SRC4392
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SRC4392 Fiches technique(HTML) 5 Page - Burr-Brown (TI)

  SRC4392 Datasheet HTML 1Page - Burr-Brown (TI) SRC4392 Datasheet HTML 2Page - Burr-Brown (TI) SRC4392 Datasheet HTML 3Page - Burr-Brown (TI) SRC4392 Datasheet HTML 4Page - Burr-Brown (TI) SRC4392 Datasheet HTML 5Page - Burr-Brown (TI) SRC4392 Datasheet HTML 6Page - Burr-Brown (TI) SRC4392 Datasheet HTML 7Page - Burr-Brown (TI) SRC4392 Datasheet HTML 8Page - Burr-Brown (TI) SRC4392 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 79 page
background image
www.ti.com
SRC4392
SBFS029B – DECEMBER 2005 – REVISED APRIL 2006
ELECTRICAL CHARACTERISTICS: General, SRC, DIR, and DIT (continued)
All specifications are at TA = +25°C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise noted.
SRC4392
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Total Harmonic Distortion + Noise (THD+N)(2)
BW = 22Hz to fSOUT/2,
f = 997Hz at 0dBFS
fSIN:fSOUT = 12kHz:192kHz
–137
dB
fSIN:fSOUT = 44.1kHz:44.1kHz
–140
dB
fSIN:fSOUT = 44.1kHz:48kHz
–140
dB
fSIN:fSOUT = 44.1kHz:96kHz
–140
dB
fSIN:fSOUT = 44.1kHz:192kHz
–137
dB
fSIN:fSOUT = 48kHz:44.1kHz
–140
dB
fSIN:fSOUT = 48kHz:48kHz
–140
dB
fSIN:fSOUT = 48kHz:96kHz
–140
dB
fSIN:fSOUT = 48kHz:192kHz
–137
dB
fSIN:fSOUT = 96kHz:44.1kHz
–141
dB
fSIN:fSOUT = 96kHz:48kHz
–141
dB
fSIN:fSOUT = 96kHz:96kHz
–140
dB
fSIN:fSOUT = 96kHz:192kHz
–137
dB
fSIN:fSOUT = 192kHz:12kHz
–140
dB
fSIN:fSOUT = 192kHz:44.1kHz
–141
dB
fSIN:fSOUT = 192kHz:48kHz
–141
dB
fSIN:fSOUT = 192kHz:96kHz
–141
dB
fSIN:fSOUT = 192kHz:192kHz
–137
dB
Digital Interpolation Filter Characteristics
Passband
0.4535 × fSIN
Hz
Passband Ripple
±0.007
dB
Transition Band
0.4535 × fSIN
0.5465 × fSIN
Hz
Stop Band
0.5465 × fSIN
Hz
Stop Band Attenuation
–144
dB
Group Delay (64 samples pre-buffered)
Decimation filter enabled
102.53125/fSIN
Seconds
Group Delay (64 samples pre-buffered)
Direct down-sampling enabled
102/fSIN
Seconds
Group Delay (32 samples pre-buffered)
Decimation filter enabled
70.53125/fSIN
Seconds
Group Delay (32 samples pre-buffered)
Direct down-sampling enabled
70/fSIN
Seconds
Group Delay (16 samples pre-buffered)
Decimation filter enabled
54.53125/fSIN
Seconds
Group Delay (16 samples pre-buffered)
Direct down-sampling enabled
54/fSIN
Seconds
Group Delay (8 samples pre-buffered)
Decimation filter enabled
46.53125/fSIN
Seconds
Group Delay (8 samples pre-buffered)
Direct down-sampling enabled
46/fSIN
Seconds
Digital Decimation Filter Characteristics
Passband
0.4535 × fSOUT
Hz
Passband Ripple
±0.008
dB
Transition Band
0.4535 × fSOUT
0.5465 × fSOUT
Hz
Stop Band
0.5465 × fSOUT
Hz
Stop Band Attenuation
–143
dB
Group Delay
Decimation filter enabled
36.46875/fSOUT
Seconds
Group Delay
Direct down-sampling enabled
0
Seconds
Digital De-Emphasis Filter Characteristics
Filter Error for All Settings
De-emphasis filter enabled
0.001
dB
(2)
Measured with an Audio Precision SYS-2722 192kHz test system with the input and output sampling frequencies asynchronous to one
another.
5
Submit Documentation Feedback


Numéro de pièce similaire - SRC4392

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SRC4392 TI1-SRC4392 Datasheet
1Mb / 94P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
More results

Description similaire - SRC4392

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
SRC4382 BURR-BROWN-SRC4382 Datasheet
7Mb / 81P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Cirrus Logic
CS8422 CIRRUS-CS8422_09 Datasheet
734Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8422 CIRRUS-CS8422_10 Datasheet
995Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com