Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC162374A Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74LVC162374A
Description  16-bit edge triggered D-type flip-flop with 30 ohmseries termination resistors; 5 V input/output tolerant; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC162374A Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC162374A Datasheet HTML 2Page - NXP Semiconductors 74LVC162374A Datasheet HTML 3Page - NXP Semiconductors 74LVC162374A Datasheet HTML 4Page - NXP Semiconductors 74LVC162374A Datasheet HTML 5Page - NXP Semiconductors 74LVC162374A Datasheet HTML 6Page - NXP Semiconductors 74LVC162374A Datasheet HTML 7Page - NXP Semiconductors 74LVC162374A Datasheet HTML 8Page - NXP Semiconductors 74LVC162374A Datasheet HTML 9Page - NXP Semiconductors 74LVC162374A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1999 Aug 05
6
Philips Semiconductors
Product specification
16-bit edge triggered D-type flip-flop with 30
Ω series
termination resistors; 5 V input/output tolerant; 3-state
74LVC162374A;
74LVCH162374A
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134). Voltages are referenced to GND (ground = 0 V).
Note
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
MIN.
MAX.
VCC
DC supply voltage
for max. speed performance
2.7
3.6
V
for low-voltage applications
1.2
3.6
V
VI
DC input voltage range
0
5.5
V
VO
DC output voltage range
output HIGH or LOW state
0
VCC
V
3-state
0
5.5
V
Tamb
operating ambient temperature
see DC and AC characteristics per
device
−40
+85
°C
tr, tf
input rise and fall times
VCC = 1.2 to 2.7 V
0
20
ns/V
VCC = 2.7 to 3.6 V
0
10
ns/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
DC supply voltage
−0.5
+6.5
V
IIK
DC input diode current
VI <0
−−50
mA
VI
DC input voltage
note 1
−0.5
+5.5
V
IOK
DC output diode current
VO >VCC or VO <0
−±50
mA
VO
DC output voltage
output HIGH or LOW
note 1
−0.5
VCC + 0.5
V
output 3-state
note 1
−0.5
+6.5
V
IO
DC output diode current
VO =0toVCC
−±50
mA
IGND, ICC
DC VCC or GND current
−±100
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation plastic shrink
mini-pack (SSOP and TSSOP)
above 60
°C derate linearly with
5.5 mW/K
500
mW


Numéro de pièce similaire - 74LVC162374A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC162373A PHILIPS-74LVC162373A Datasheet
88Kb / 17P
   16-bit D-type transparent latch with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
2004 Feb 05
logo
Nexperia B.V. All right...
74LVC162373A NEXPERIA-74LVC162373A Datasheet
246Kb / 14P
   16-bit D-type transparent latch; 30 Ω series termination resistors; 5 V tolerant inputs/outputs; 3-state
Rev. 6 - 16 September 2021
logo
NXP Semiconductors
74LVC162373ADGG PHILIPS-74LVC162373ADGG Datasheet
88Kb / 17P
   16-bit D-type transparent latch with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
2004 Feb 05
logo
Nexperia B.V. All right...
74LVC162373ADGG NEXPERIA-74LVC162373ADGG Datasheet
246Kb / 14P
   16-bit D-type transparent latch; 30 Ω series termination resistors; 5 V tolerant inputs/outputs; 3-state
Rev. 6 - 16 September 2021
logo
NXP Semiconductors
74LVC162373ADL PHILIPS-74LVC162373ADL Datasheet
88Kb / 17P
   16-bit D-type transparent latch with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
2004 Feb 05
More results

Description similaire - 74LVC162374A

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVCH162374A NEXPERIA-74LVCH162374A Datasheet
244Kb / 14P
   16-bit edge-triggered D-type flip-flop with 30 Ω series termination resistors; 5 V input/output tolerant; 3-state
Rev. 5 - 20 April 2021
74LVC16374A-Q100 NEXPERIA-74LVC16374A-Q100 Datasheet
230Kb / 14P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
74LVC16374A NEXPERIA-74LVC16374A Datasheet
242Kb / 13P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
Rev. 13 - 27 September 2021
logo
NXP Semiconductors
74LVT162374 PHILIPS-74LVT162374 Datasheet
91Kb / 17P
   3.3 V 16-bit edge-triggered D-type flip-flop with 30 OHM termination resistors; 3-state
Rev. 03-17 January 2005
logo
Nexperia B.V. All right...
74LVT162374 NEXPERIA-74LVT162374 Datasheet
214Kb / 12P
   3.3 V 16-bit edge-triggered D-type flip-flop with 30 Ω termination resistors; 3-state
Rev. 4 - 1 October 2018
logo
NXP Semiconductors
74LVC16374A NXP-74LVC16374A Datasheet
175Kb / 19P
   16-bit edge-triggered D-type flip-flop with 5 V tolerant inputs/outputs; 3-state
Rev. 07-23 March 2010
74LVT162374 PHILIPS-74LVT162374 Datasheet
120Kb / 12P
   3.3V LVT 16-bit edge-triggered D-type flip-flop with 30 ohm termination resistors 3-State
Rev. 03-17 January 2005
74AVC16374 PHILIPS-74AVC16374 Datasheet
84Kb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
2000 Mar 09
logo
Nexperia B.V. All right...
74AVC16374 NEXPERIA-74AVC16374 Datasheet
1Mb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
Rev. 3 - 16 August 2013
74AVC16374-Q100 NEXPERIA-74AVC16374-Q100 Datasheet
772Kb / 16P
   16-bit edge triggered D-type flip-flop 3.6 V tolerant; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com