Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M34570M4 Fiches technique(PDF) 43 Page - Mitsubishi Electric Semiconductor

No de pièce M34570M4
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M34570M4 Fiches technique(HTML) 43 Page - Mitsubishi Electric Semiconductor

Back Button M34570M4 Datasheet HTML 39Page - Mitsubishi Electric Semiconductor M34570M4 Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M34570M4 Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M34570M4 Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M34570M4 Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M34570M4 Datasheet HTML 44Page - Mitsubishi Electric Semiconductor M34570M4 Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M34570M4 Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M34570M4 Datasheet HTML 47Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
(Y) = 15
(Y) = 0
Continuous
description
After transferring the contents of M(DP) to register A, an exclusive OR operation is performed between
register X and the value j in the immediate field, and stores the result in register X.
After exchanging the contents of M(DP) with the contents of register A, an exclusive OR operation is
performed between register X and the value j in the immediate field, and stores the result in register X.
After exchanging the contents of M(DP) with the contents of register A, an exclusive OR operation is
performed between register X and the value j in the immediate field, and stores the result in register X.
Subtracts 1 from the contents of register Y. As a result of subtraction, when the contents of register Y
is 15, the next instruction is skipped.
After exchanging the contents of M(DP) with the contents of register A, an exclusive OR operation is
performed between register X and the value j in the immediate field, and stores the result in register X.
Adds 1 to the contents of register Y. As a result of addition, when the contents of register Y is 0, the
next instruction is skipped.
After transferring the contents of register A to M(DP), an exclusive OR operation is performed between
register X and the value j in the immediate field, and stores the result in register X.
Loads the value n in the immediate field to register A.
When the LA instructions are continuously coded and executed, only the first LA instruction is executed
and other LA instructions coded continuously are skipped.
Transfers bits 9 and 8 to register W5, bits 7 to 4 to register B and bits 3 to 0 to register A. These bits 9
to 0 are the ROM pattern in address (DR2 DR1 DR0 A3 A2 A1 A0)2 specified by registers A and D in
page p.
When this instruction is executed, 1 stage of stack register is used.
When this instruction is executed after executing the SBK instruction, pages 64 to 127 are specified.
When this instruction is executed after executing the RBK instruction, pages 0 to 63 are specified.
When this instruction is executed after system is released from reset or returned from RAM back-up,
pages 0 to 63 are specified.
TAM j
XAM j
XAMD j
XAMI j
TMA j
LA n
TABP p
(A)
← (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
(A)
← → (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
(A)
← → (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
(Y)
← (Y) – 1
(A)
← → (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
(Y)
← (Y) + 1
(M(DP))
← (A)
(X)
← (X)EXOR(j)
j = 0 to 15
(A)
← n
n = 0 to 15
(SP)
← (SP) + 1
(SK(SP))
← (PC)
(PCH)
← p
(PCL)
← (DR2–DR0, A3–A0)
(W5)
← (ROM(PC))9 to 8
(B)
← (ROM(PC))7 to 4
(A)
← (ROM(PC))3 to 0
(PC)
← (SK(SP))
(SP)
← (SP) – 1
(Note)
1
1
1
1
1
1
3
1
1
1
1
1
1
1
2C
j
2D
j
2F
j
2E
j
2B
j
07
n
08
p
+p
101100
jjjj
101101
jjjj
101111
jjjj
101110
jjjj
101011
jjjj
000111nnnn
0010p5 p4 p3 p2 p1 p0
MACHINE INSTRUCTIONS (CONTINUED)
Note: p is 0 to 31 for M34570M4 and p is 0 to 63 for M34570E8 and M34570M8.
p is 0 to 127 for M34570ED and M34570MD, and p6 is specified with the SBK and RBK instructions.
45
MITSUBISHI MICROCOMPUTERS
4570 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Skip condition
Detailed description
44
MITSUBISHI MICROCOMPUTERS
4570 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Function
Mnemonic
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
Hexadecimal
notation
Type of
instructions
Parameter
Instruction code


Numéro de pièce similaire - M34570M4

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M34570M4-XXXFP RENESAS-M34570M4-XXXFP Datasheet
773Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results

Description similaire - M34570M4

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4508 RENESAS-4508 Datasheet
1Mb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com