Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M30201 Fiches technique(PDF) 99 Page - Mitsubishi Electric Semiconductor

No de pièce M30201
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30201 Fiches technique(HTML) 99 Page - Mitsubishi Electric Semiconductor

Back Button M30201 Datasheet HTML 95Page - Mitsubishi Electric Semiconductor M30201 Datasheet HTML 96Page - Mitsubishi Electric Semiconductor M30201 Datasheet HTML 97Page - Mitsubishi Electric Semiconductor M30201 Datasheet HTML 98Page - Mitsubishi Electric Semiconductor M30201 Datasheet HTML 99Page - Mitsubishi Electric Semiconductor M30201 Datasheet HTML 100Page - Mitsubishi Electric Semiconductor M30201 Datasheet HTML 101Page - Mitsubishi Electric Semiconductor M30201 Datasheet HTML 102Page - Mitsubishi Electric Semiconductor M30201 Datasheet HTML 103Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 159 page
background image
Mitsubishi microcomputers
M30201 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Programmable I/O Port
99
Programmable I/O Ports
There are 43 programmable I/O ports: P0 to P7. Each port can be set independently for input or output
using the direction register. A pull-up resistance for each block of 4 ports can be set. The port P1 allows the
drive capacity of its N-channel output transistor to be set as necessary.
Figures 1.90 to 1.92 show the programmable I/O ports.
Each pin functions as a programmable I/O port and as the I/O for the built-in peripheral devices.
To use the pins as the inputs for the built-in peripheral devices, set the direction register of each pin to input
mode. When the pins are used as the outputs for the built-in peripheral devices, they function as outputs
regardless of the contents of the direction registers. See the descriptions of the respective functions for how
to set up the built-in peripheral devices.
(1) Direction registers
Figure 1.93 shows the direction registers.
These registers are used to choose the direction of the programmable I/O ports. Each bit in these regis-
ters corresponds one for one to each I/O pin.
(2) Port registers
Figure 1.94 shows the port registers.
These registers are used to write and read data for input and output to and from an external device. A
port register consists of a port latch to hold output data and a circuit to read the status of a pin. Each bit
in port registers corresponds one for one to each I/O pin.
(3) Pull-up control registers
Figure 1.95 shows the pull-up control registers.
The pull-up control register can be set to apply a pull-up resistance to each block of 4 ports. When ports
are set to have a pull-up resistance, the pull-up resistance is connected only when the direction register is
set for input.
(4) Port P1 drive capacity control register
Figure 1.95 shows a structure of the port P1 drive capacity control register.
This register is used to control the drive capacity of the port P1's N-channel output transistor. Each bit in
this register corresponds one for one to the port pins.


Numéro de pièce similaire - M30201

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M30201 RENESAS-M30201 Datasheet
2Mb / 172P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30201 RENESAS-M30201 Datasheet
5Mb / 415P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
M30201E6-XXXFP RENESAS-M30201E6-XXXFP Datasheet
2Mb / 172P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30201E6-XXXSP RENESAS-M30201E6-XXXSP Datasheet
2Mb / 172P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30201E6T-XXXFP RENESAS-M30201E6T-XXXFP Datasheet
2Mb / 172P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Description similaire - M30201

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com