Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M30201 Fiches technique(PDF) 56 Page - Mitsubishi Electric Semiconductor

No de pièce M30201
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30201 Fiches technique(HTML) 56 Page - Mitsubishi Electric Semiconductor

Back Button M30201 Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M30201 Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M30201 Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M30201 Datasheet HTML 55Page - Mitsubishi Electric Semiconductor M30201 Datasheet HTML 56Page - Mitsubishi Electric Semiconductor M30201 Datasheet HTML 57Page - Mitsubishi Electric Semiconductor M30201 Datasheet HTML 58Page - Mitsubishi Electric Semiconductor M30201 Datasheet HTML 59Page - Mitsubishi Electric Semiconductor M30201 Datasheet HTML 60Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 159 page
background image
Mitsubishi microcomputers
M30201 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timer A
56
Item
Specification
Count source
f1, f8, f32, fC32
Count operation
• The timer counts down
• When the count reaches 000016, the timer stops counting after reloading a new count
• If a trigger occurs when counting, the timer reloads a new count and restarts counting
Divide ratio
1/n
n : Set value
Count start condition
• An external trigger is input
• The timer overflows
• The one-shot start flag is set (= 1)
Count stop condition
• A new count is reloaded after the count has reached 000016
• The count start flag is reset (= 0)
Interrupt request generation timing
The count reaches 000016
TA0IN pin function
Programmable I/O port or trigger input
TA0OUT pin function
Programmable I/O port or pulse output
Read from timer
When timer A0 register is read, it indicates an indeterminate value
Write to timer
• When counting stopped
When a value is written to timer A0 register, it is written to both reload
register and counter
• When counting in progress
When a value is written to timer A0 register, it is written to only reload register
(Transferred to counter at next reload time)
Table 1.16. Timer specifications in one-shot timer mode
Figure 1.44. Timer A0 mode register in one-shot timer mode
(3) One-shot timer mode
In this mode, the timer operates only once. (See Table 1.16.) When a trigger occurs, the timer starts up
and continues operating for a given period. Figure 1.44 shows the timer A0 mode register in one-shot
timer mode.
Bit name
Function
Bit symbol
Operation mode select bit
1 0 : One-shot timer mode
b1 b0
TMOD1
TMOD0
MR0
Pulse output function
select bit
0 : Pulse is not output
(TA0OUT pin is a normal port pin)
1 : Pulse is output (Note 1)
(TA0OUT pin is a pulse output pin)
MR2
MR1
MR3
0 (Must always be “0” in one-shot timer mode)
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fC32
b7 b6
TCK1
TCK0
Count source select bit
10
0
0 : One-shot start flag is valid
1 : Selected by event/trigger select
register
Trigger select bit
External trigger select
bit (Note 2)
0 : Falling edge of TA0IN pin's input signal (Note 3)
1 : Rising edge of TA0IN pin's input signal (Note 3)
W
R
Note 1: Set the corresponding port direction register to “1” (output mode).
Note 2: Valid only when the TA0IN pin is selected by the event/trigger select bit
(addresses 038316). If timer overflow is selected, this bit can be “1” or “0”.
Note 3: Set the corresponding port direction register to “0” (input mode).
Timer A0 mode register
Symbol
Address
When reset
TA0MR
039616
0016
b7
b6
b5 b4
b3
b2
b1
b0


Numéro de pièce similaire - M30201

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M30201 RENESAS-M30201 Datasheet
2Mb / 172P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30201 RENESAS-M30201 Datasheet
5Mb / 415P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
M30201E6-XXXFP RENESAS-M30201E6-XXXFP Datasheet
2Mb / 172P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30201E6-XXXSP RENESAS-M30201E6-XXXSP Datasheet
2Mb / 172P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30201E6T-XXXFP RENESAS-M30201E6T-XXXFP Datasheet
2Mb / 172P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Description similaire - M30201

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com