Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM8843 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce ADM8843
Description  4 White LED Backlight Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM8843 Fiches technique(HTML) 8 Page - Analog Devices

Back Button ADM8843 Datasheet HTML 4Page - Analog Devices ADM8843 Datasheet HTML 5Page - Analog Devices ADM8843 Datasheet HTML 6Page - Analog Devices ADM8843 Datasheet HTML 7Page - Analog Devices ADM8843 Datasheet HTML 8Page - Analog Devices ADM8843 Datasheet HTML 9Page - Analog Devices ADM8843 Datasheet HTML 10Page - Analog Devices ADM8843 Datasheet HTML 11Page - Analog Devices ADM8843 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADM8843
Rev. 0 | Page 8 of 16
40
45
50
60
80
90
VCC
70
55
65
75
85
VF = 4.0V
VF = 3.8V
VF = 4.3V
VF = 3.2V
VF = 3.6V
2.8
3.0
3.4
3.8
3.6
3.2
4.0
4.2
2.9
3.1
3.3
3.5
3.7
3.9
4.1
Figure 15. Power Efficiency vs. Supply Voltage over Li-Ion Range,
Four LEDs @ 15 mA/LED
CH2 2.00mV
CH1 2.00V
M 10.0ms CH2
4.36mV
2
1
VOUT
CTRL1/2
∆: 44.0ms
@: –44.4ms
C2 FALL
200
µs
LOW SIGNAL
AMPLITUDE
Figure 16. TPC Delay


Numéro de pièce similaire - ADM8843

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM8843 AD-ADM8843_15 Datasheet
284Kb / 16P
   Four White LED Backlight Driver
REV. C
More results

Description similaire - ADM8843

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT7945 HOLTEK-HT7945 Datasheet
3Mb / 11P
   White LED Backlight Driver
logo
Analog Devices
ADM8843 AD-ADM8843_15 Datasheet
284Kb / 16P
   Four White LED Backlight Driver
REV. C
logo
New Japan Radio
NJW4600 NJRC-NJW4600 Datasheet
190Kb / 2P
   White LED Driver for Backlight
NJW4603 NJRC-NJW4603 Datasheet
189Kb / 2P
   White LED Driver for Backlight
logo
STMicroelectronics
STLA02PUR STMICROELECTRONICS-STLA02PUR Datasheet
732Kb / 23P
   White LED driver for display backlight
February 2011 Rev 1
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
   WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
Leadtrend Technology
LD7889A LEADTREND-LD7889A Datasheet
554Kb / 17P
   4-Channel LED Backlight Driver
logo
New Japan Radio
NJW4610 NJRC-NJW4610 Datasheet
153Kb / 1P
   Constant Current Type White LED Driver for Backlight
logo
ams AG
AS3695A AMSCO-AS3695A Datasheet
2Mb / 34P
   16 channel white LED driver for LCD backlight
logo
Newhaven Display Intern...
NHD-5.7B-LED NEWHAVEN-NHD-5.7B-LED Datasheet
195Kb / 3P
   LED Backlight Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com