Moteur de recherche de fiches techniques de composants électroniques |
|
74LV4060N Fiches technique(PDF) 10 Page - NXP Semiconductors |
|
74LV4060N Fiches technique(HTML) 10 Page - NXP Semiconductors |
10 / 18 page Philips Semiconductors Product specification 74LV4060 14-stage binary ripple counter with oscillator 1998 Jun 23 10 SYMBOL UNIT LIMITS –40 to +125 °C LIMITS –40 to +85 °C CONDITION WAVEFORM PARAMETER SYMBOL UNIT MAX MIN MAX TYP1 MIN VCC(V) WAVEFORM PARAMETER 2.0 29 18 – 37 – t Removal time Figure 7 2.7 26 16 – 32 – ns trem MR to RS Figure 7 3.0 to 3.6 18 11 – 23 – ns 4.5 to 5.5 12 7 – 15 – 2.0 14 40 – 9 – f Maximum clock Figure 6 2.7 19 70 – 12 – MHz fmax pulse frequency Figure 6 3.0 to 3.6 24 90 – 15 – MHz 4.5 to 5.5 30 100 – 19 – NOTE: Unless otherwise stated, all typical values are at Tamb = 25°C. 1. Typical value measured at VCC = 3.3V. 2. Typical value measured at VCC = 5.0V. io ~ A VCC Rbias = 560 kW input output 100 mF 0.47 mF Vi ~ (f = 1 kHz) GND SV00323 Figure 1. Test set-up for measuring forward transconductance gfs = dio/dvi at vo is constant (see also graph Figure 2); MR = LOW. VCC (V) 01 2 3 4 0 5 10 15 20 gfs (mA/V) SV00324 Figure 2. Typical forward transconductance gfs as a function of the supply voltage VCC at Tamb = 25°C. |
Numéro de pièce similaire - 74LV4060N |
|
Description similaire - 74LV4060N |