Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

32170 Datasheet(Fiches technique) 6 Page - Mitsubishi Electric Semiconductor

Numéro de pièce 32170
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
Télécharger  49 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

32170 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Mitsubishi Microcomputers
6
2001-5-14 Rev.1.0
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
32170 Group, 32174 Group
Table 4 Outline Performance (2/2)
Function Block
Features
Clock
Maximum internal CPU memory clock : 40MHz (access to CPU, internal ROM, and internal RAM)
Maximum internal peripheral clock : 20MHz (access to internal peripheral module)
Maximum external input clock : 10.0MHz, Built-in multiply-by-4 PLL circuit
Power Supply Voltage
External I/O : 5V (
±0.5V) or 3.3V (±0.3V)
Internal logic : 3.3V (
±0.3V)
Operating temperature rang
-40 to +125
°C(Internal CPU memory clock 32MHz, internal peripheral clock 16MHz)
-40 to +85
°C(Internal CPU memory clock 40MHz, internal peripheral clock 20MHz)
Package
0.5mm pitches / 240-pin plastic QFP, 0.8mm pitches / 255-pin FBGA (Note)
Note: 255-pin FBGA is currently under development.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M37902FGCGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M30623M4ASINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M37221M6SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M37516F8HPSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M37733MHBXXXFPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M37736MHBXXXGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M37273MFHSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreRenesas Technology Corp
MN14826CMOS 4-Bit Single-Chip Microcomputer for Frequency Synthesizer TV Tuning Systems 1 2 3 4 5 MorePanasonic Semiconductor
M30302M8LSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
CXP852P32ACMOS 8-bit Single-chip Microcomputer 1 2 3 4 5 MoreSony Corporation

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn