Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP270EZ Fiches technique(PDF) 10 Page - Analog Devices

No de pièce OP270EZ
Description  Dual Very Low Noise Precision Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

OP270EZ Fiches technique(HTML) 10 Page - Analog Devices

Back Button OP270EZ Datasheet HTML 6Page - Analog Devices OP270EZ Datasheet HTML 7Page - Analog Devices OP270EZ Datasheet HTML 8Page - Analog Devices OP270EZ Datasheet HTML 9Page - Analog Devices OP270EZ Datasheet HTML 10Page - Analog Devices OP270EZ Datasheet HTML 11Page - Analog Devices OP270EZ Datasheet HTML 12Page - Analog Devices OP270EZ Datasheet HTML 13Page - Analog Devices OP270EZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. C
OP270
–10–
NOISE MEASUREMENTS
Peak-to-Peak Voltage Noise
The circuit of Figure 6 is a test setup for measuring peak-to-peak
voltage noise. To measure the 200 nV peak-to-peak noise specifica-
tion of the OP270 in the 0.1 Hz to 10 Hz range, the following
precautions must be observed:
1. The device has to be warmed up for at least five minutes. As
shown in the warm-up drift curve, the offset voltage typically
changes 2
mV due to increasing chip temperature after power-up.
In the 10-second measurement interval, these temperature
induced effects can exceed tens of nanovolts.
2. For similar reasons, the device has to be well shielded from
air currents. Shielding also minimizes thermocouple effects.
3. Sudden motion in the vicinity of the device can also “feed
through” to increase the observed noise.
4. The test time to measure noise of 0.1 Hz to 10 Hz should not
exceed 10 seconds. As shown in the noise-tester frequency
response curve of Figure 7, the 0.1 Hz corner is defined by
only one pole. The test time of 10 seconds acts as an additional
pole to eliminate noise contribution from the frequency band
below 0.1 Hz.
FREQUENCY (Hz)
100
0.01
0.1
1.0
10
100
80
60
40
20
0
Figure 7. 0.1 Hz to 10 Hz Peak-to-Peak Voltage
Noise Test Circuit Frequency Response
5. A noise-voltage-density test is recommended when measuring
noise on a large number of units. A 10 Hz noise-voltage-density
measurement will correlate well with a 0.1 Hz to 10 Hz
peak-to-peak noise reading, since both results are determined by
the white noise and the location of the 1/f corner frequency.
6. Power should be supplied to the test circuit by well bypassed
low noise supplies, e.g., batteries. They will minimize output
noise introduced via the amplifier supply pins.
Noise Measurement — Noise Voltage Density
The circuit of Figure 8 shows a quick and reliable method of
measuring the noise voltage density of dual op amps. The first
amplifier is in unity-gain, with the final amplifier in a noninverting
gain of 101. As noise voltages of each amplifier are uncorrelated,
they add in rms fashion to yield:
ee
e
OUT
nA
2
nB
2
=
() +()
Ê
ËÁ
ˆ
¯˜
101
The OP270 is a monolithic device with two identical amplifi-
ers. The noise voltage density of each individual amplifier will
match, giving:
ee
e
OUT
n
2
n
=
Ê
ËÁ
ˆ
¯˜ =
()
101
2
101
2
1/2
OP270
+
R1
100
1/2
OP270
+
R2
10k
eOUT
eOUT (nV/ Hz) = 101 ( 2en)
VS = 15V
TO SPECTRUM ANALYZER
Figure 8. Noise Voltage Density Test Circuit
OP270
DUT
+
R3
1.24k
R2
100k
R1
5
OP27E
+
R5
8.06k
enOUT
TO SPECTRUM ANALYZER
R4
200
GAIN = 10,000
VS = 15V
Figure 9. Current Noise Density Test Circuit
Noise Measurement — Current Noise Density
The test circuit shown in Figure 9 can be used to measure cur-
rent noise density. The formula relating the voltage output to
current noise density is:
i
e
G
nV
Hz
R
n
nOUT
S
=
Ê
ËÁ
ˆ
¯˜
-
()
2
2
40
/
where:
G = gain of 10,000
RS = 100 k
W source resistance


Numéro de pièce similaire - OP270EZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP270EZ AD-OP270EZ Datasheet
425Kb / 20P
   Dual Very Low Noise Precision Operational Amplifier
Rev. E
OP270EZ AD-OP270EZ Datasheet
383Kb / 21P
   Dual Very Low Noise Precision Operational Amplifier
More results

Description similaire - OP270EZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP-270 AD-OP-270 Datasheet
601Kb / 16P
   DUAL VERY LOW NOISE PRECISION OPERATIONAL AMPLIFIER
OP270GPZ AD-OP270GPZ Datasheet
425Kb / 20P
   Dual Very Low Noise Precision Operational Amplifier
Rev. E
OP270 AD-OP270_17 Datasheet
383Kb / 21P
   Dual Very Low Noise Precision Operational Amplifier
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA2111 BURR-BROWN-OPA2111 Datasheet
231Kb / 13P
   Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222 Datasheet
65Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
January 1996
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com