Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-DB45-E0000 Fiches technique(PDF) 5 Page - Agilent(Hewlett-Packard) |
|
HLMP-DB45-E0000 Fiches technique(HTML) 5 Page - Agilent(Hewlett-Packard) |
5 / 6 page 5 Mechanical Option Matrix Mechanical Option Code Definition 00 Bulk Packaging, minimum increment 500 pcs/bag 02 Tape & Reel, straight leads, minimum increment 1300 pcs/bag DD Ammo Pack, straight leads with minimum increment Note: All categories are established for classification of products. Products may not be available in all categories. Please contact your local Agilent representative for further clarification/information. Intensity Bin Limits Intensity Range (mcd) Bin Min. Max. A 30.0 40.0 B 40.0 50.0 C 50.0 65.0 D 65.0 85.0 E 85.0 110.0 F 110.0 140.0 G 140.0 180.0 H 180.0 240.0 J 240.0 310.0 K 310.0 400.0 L 400.0 520.0 M 520.0 680.0 N 680.0 880.0 Color Bin Limits (nm at 20 mA) Blue nm @ 20 mA Bin ID Min. Max. 1 460.0 464.0 2 464.0 468.0 3 468.0 472.0 4 472.0 476.0 5 476.0 480.0 Tolerance for each bin limit will be ± 0.5nm. |
Numéro de pièce similaire - HLMP-DB45-E0000 |
|
Description similaire - HLMP-DB45-E0000 |