Moteur de recherche de fiches techniques de composants électroniques |
|
TPS799XXYZU Fiches technique(PDF) 11 Page - Texas Instruments |
|
TPS799XXYZU Fiches technique(HTML) 11 Page - Texas Instruments |
11 / 21 page www.ti.com Startup V =xV N OUT 10.5 V m RMS V (1) Board Layout Recommendations to Improve Transient Response Internal Current Limit Under-Voltage Lock-Out (UVLO) Shutdown Minimum Load Dropout Voltage TPS799xx SBVS056G – JANUARY 2005 – REVISED AUGUST 2006 Noise can be referred to the feedback point (FB pin) such that with CNR = 0.01µF total noise is Fixed voltage versions of the TPS799xx use a approximately given by Equation 1: quick-start circuit to fast-charge the noise reduction capacitor, CNR, if present (see Functional Block Diagrams, Figure 1). This allows the combination of very low output noise and fast start-up times. The The TPS79901 adjustable version does not have the NR pin is high impedance so a low leakage CNR noise-reduction pin available, so ultra-low noise capacitor must be used; most ceramic capacitors are operation is not possible. Noise can be minimized appropriate in this configuration. according to the above recommendations. Note that for fastest startup, VIN should be applied first, then the enable pin (EN) driven high. If EN is PSRR and Noise Performance tied to IN, startup will be somewhat slower. Refer to Figure 25 and Figure 26 in the Typical To improve ac performance such as PSRR, output Characteristics section. The quick-start switch is noise, and transient response, it is recommended closed for approximately 135 µs. To ensure that C NR that the board be designed with separate ground is fully charged during the quick-start time, a 0.01 µF planes for VIN and VOUT, with each ground plane or smaller capacitor should be used. connected only at the GND pin of the device. In addition, the ground connection for the bypass capacitor should connect directly to the GND pin of the device. As with any regulator, increasing the size of the output capacitor will reduce over/undershoot magnitude but increase duration of the transient response. In the adjustable version, adding CFB The TPS799xx internal current limit helps protect the between OUT and FB will improve stability and regulator during fault conditions. During current limit, transient response. The transient response of the the output will source a fixed amount of current that TPS799xx is enhanced by an active pull-down that is largely independent of output voltage. For reliable engages when the output overshoots by operation, the device should not be operated in approximately 5% or more when the device is current limit for extended periods of time. enabled. When enabled, the pull-down device behaves like a 350 Ω resistor to ground. The PMOS pass element in the TPS799xx has a built-in body diode that conducts current when the voltage at OUT exceeds the voltage at IN. This current is not limited, so if extended reverse voltage The TPS799xx utilizes an under-voltage lock-out operation is anticipated, external limiting may be circuit to keep the output shut off until internal appropriate. circuitry is operating properly. The UVLO circuit has a de-glitch feature so that it will typically ignore undershoot transients on the input if they are less than 50 µs duration. The enable pin (EN) is active high and is compatible with standard and low voltage TTL-CMOS levels. When shutdown capability is not required, EN can be connected to IN. The TPS799xx is stable and well-behaved with no output load. To meet the specified accuracy, a minimum load of 500 µA is required. Below 500µA at junction temperatures near +125 °C, the output can The TPS799xx uses a PMOS pass transistor to drift up enough to cause the output pull-down to turn achieve low dropout. When (VIN – VOUT) is less than on. The output pull-down will limit voltage drift to 5% the dropout voltage (VDO), the PMOS pass device is typically but ground current could increase by in its linear region of operation and the approximately 50 µA. In typical applications, the input-to-output resistance is the RDS, ON of the PMOS junction cannot reach high temperatures at light pass element. Because the PMOS device behaves loads since there is no appreciable dissipated power. like a resistor in dropout, VDO will approximately The specified ground current would then be valid at scale with output current. no load in most applications. As with any linear regulator, PSRR and transient response are degraded as (VIN – VOUT) approaches dropout. This effect is shown in Figure 18 through Figure 20 in the Typical Characteristics section. 11 Submit Documentation Feedback |
Numéro de pièce similaire - TPS799XXYZU |
|
Description similaire - TPS799XXYZU |