Moteur de recherche de fiches techniques de composants électroniques |
|
74LV123DB Fiches technique(PDF) 11 Page - NXP Semiconductors |
|
74LV123DB Fiches technique(HTML) 11 Page - NXP Semiconductors |
11 / 16 page Philips Semiconductors Product specification 74LV123 Dual retriggerable monostable multivibrator with reset 1998 Apr 28 11 TEST CIRCUIT PULSE GENERATOR RT Vl D.U.T. VO CL RL= 1k Vcc Test Circuit for Outputs DEFINITIONS VCC VI < 2.7V 2.7–3.6V VCC 2.7V TEST tPLH/tPHL ≥ 4.5 V VCC RL = Load resistor CL = Load capacitance includes jig and probe capacitiance 50pF RT = Termination resistance should be equal to ZOUT of pulse generators. SV00902 Figure 8. Load circuitry for switching times |
Numéro de pièce similaire - 74LV123DB |
|
Description similaire - 74LV123DB |