Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCT4053DB Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 74HCT4053DB
Description  Triple 2-channel analog multiplexer/demultiplexer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4053DB Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button 74HCT4053DB Datasheet HTML 4Page - NXP Semiconductors 74HCT4053DB Datasheet HTML 5Page - NXP Semiconductors 74HCT4053DB Datasheet HTML 6Page - NXP Semiconductors 74HCT4053DB Datasheet HTML 7Page - NXP Semiconductors 74HCT4053DB Datasheet HTML 8Page - NXP Semiconductors 74HCT4053DB Datasheet HTML 9Page - NXP Semiconductors 74HCT4053DB Datasheet HTML 10Page - NXP Semiconductors 74HCT4053DB Datasheet HTML 11Page - NXP Semiconductors 74HCT4053DB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
74HC_HCT4053_4
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 04 — 9 May 2006
8 of 33
Philips Semiconductors
74HC4053; 74HCT4053
Triple 2-channel analog multiplexer/demultiplexer
11. Static characteristics
VI
input voltage
GND
-
VCC
V
VS
switch voltage
VEE
-VCC
V
Tamb
ambient temperature
−40
+25
+125
°C
tr, tf
input rise and fall times
VCC = 4.5 V
-
6.0
500
ns
Table 6:
Recommended operating conditions …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
a. Type 74HC4053
b. Type 74HCT4053
Fig 7.
Guaranteed operating area as a function of the supply voltages
VCC − VEE (V)
010
8
46
2
001aad545
4
6
2
8
10
0
operating area
VCC − GND
(V)
VCC − VEE (V)
010
8
46
2
001aad546
4
6
2
8
10
0
VCC − GND
(V)
operating area
Table 7:
RON resistance per switch 74HC4053 and 74HCT4053
For test circuit see Figure 8.
Vis is the input voltage at a nYn or nZ terminal, whichever is assigned as an input.
Vos is the output voltage at a nYn or nZ terminal, whichever is assigned as an output.
74HC4053 supply voltages: VCC − GND or VCC − VEE = 2.0 V, 4.5 V, 6.0 V and 9.0 V.
74HCT4053 supply voltages: VCC − GND = 4.5 V or 5.5 V; VCC − VEE = 2.0 V, 4.5 V, 6.0 V and 9.0 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
RON(peak) ON resistance (peak)
Vis = VCC to VEE; VI = VIH or VIL
VCC = 2.0 V; VEE = 0 V; IS = 100 µA
[1] ---
VCC = 4.5 V; VEE = 0 V; IS = 1000 µA
-
100
180
VCC = 6.0 V; VEE = 0 V; IS = 1000 µA
-
90
160
VCC = 4.5 V; VEE = −4.5 V; IS = 1000 µA
-
70
130


Numéro de pièce similaire - 74HCT4053DB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HCT4053DB NXP-74HCT4053DB Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053DB NXP-74HCT4053DB Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
74HCT4053DB NXP-74HCT4053DB Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
More results

Description similaire - 74HCT4053DB

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com