Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCT9015DB Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74HCT9015DB
Description  Nine wide Schmitt trigger buffer/line driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT9015DB Fiches technique(HTML) 6 Page - NXP Semiconductors

  74HCT9015DB Datasheet HTML 1Page - NXP Semiconductors 74HCT9015DB Datasheet HTML 2Page - NXP Semiconductors 74HCT9015DB Datasheet HTML 3Page - NXP Semiconductors 74HCT9015DB Datasheet HTML 4Page - NXP Semiconductors 74HCT9015DB Datasheet HTML 5Page - NXP Semiconductors 74HCT9015DB Datasheet HTML 6Page - NXP Semiconductors 74HCT9015DB Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
December 1990
6
Philips Semiconductors
Product specification
Nine wide Schmitt trigger buffer/line driver
74HC/HCT9015
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Transfer characteristics are given below.
Output capability: standard
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
TRANSFER CHARACTERISTICS FOR 74HCT
Voltages are referred to GND (ground = 0 V)
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
INPUT
UNIT LOAD COEFFICIENT
An
0.3
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max. min.
max.
min. max.
VT+
positive-going threshold
0.9
1.2
1.50
1.70
2.0
2.1
0.9
1.2
2.0
2.1
0.9
1.2
2.0
2.1
V
4.5
5.5
Figs 6 and 7
VT−
negative-going threshold
0.7
0.8
1.06
1.27
1.4
1.7
0.7
0.8
1.4
1.7
0.7
0.8
1.4
2.7
V
4.5
5.5
Figs 6 and 7
VH
hysteresis (VT+ − VT−)
0.2
0.2
0.44
0.44
0.8
0.8
0.2
0.2
0.8
0.8
0.2
0.2
0.8
0.8
V
4.5
5.5
Figs 6 and 7
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min. typ. max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
An to Yn
18
32
40
48
ns
4.5
Fig.8
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.8


Numéro de pièce similaire - 74HCT9015DB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HCT9014 PHILIPS-74HCT9014 Datasheet
43Kb / 7P
   Nine wide Schmitt trigger buffer/line driver; inverting
December 1990
More results

Description similaire - 74HCT9015DB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC9014 PHILIPS-74HC9014 Datasheet
43Kb / 7P
   Nine wide Schmitt trigger buffer/line driver; inverting
December 1990
74HC9115 PHILIPS-74HC9115 Datasheet
45Kb / 7P
   Nine wide Schmitt trigger buffer; open drain outputs
December 1990
logo
Nexperia B.V. All right...
74HC9115 NEXPERIA-74HC9115 Datasheet
176Kb / 12P
   Nine wide Schmitt trigger buffer; open drain outputs
Rev. 3 - 10 April 2018
74HCT9115 NEXPERIA-74HCT9115 Datasheet
46Kb / 7P
   Nine wide Schmitt trigger buffer; open drain outputs
December 1990
logo
NXP Semiconductors
74HC_HCT9115_CNV PHILIPS-74HC_HCT9115_CNV_15 Datasheet
47Kb / 7P
   Nine wide Schmitt trigger buffer; open drain outputs
December 1990
logo
Nexperia B.V. All right...
74HCT9114 NEXPERIA-74HCT9114 Datasheet
191Kb / 13P
   Nine wide Schmitt trigger buffer; open drain outputs; inverting
Rev. 3 - 2 October 2017
logo
NXP Semiconductors
74HC9114 PHILIPS-74HC9114 Datasheet
46Kb / 7P
   Nine wide Schmitt trigger buffer; open drain outputs; inverting
December 1990
logo
List of Unclassifed Man...
74HC-HCT7541 ETC2-74HC-HCT7541 Datasheet
118Kb / 5P
   OCTAL SCHMITT TRIGGER BUFFER/LINE DRIVER;3-STATE
logo
NXP Semiconductors
74HC7541D NXP-74HC7541D Datasheet
554Kb / 17P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 3-25 July 2011
74HC7541D NXP-74HC7541D Datasheet
35Kb / 2P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 3-25 July 2011
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com