Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC7403D Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 74HC7403D
Description  4-Bit x 64-word FIFO register; 3-state
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC7403D Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button 74HC7403D Datasheet HTML 4Page - NXP Semiconductors 74HC7403D Datasheet HTML 5Page - NXP Semiconductors 74HC7403D Datasheet HTML 6Page - NXP Semiconductors 74HC7403D Datasheet HTML 7Page - NXP Semiconductors 74HC7403D Datasheet HTML 8Page - NXP Semiconductors 74HC7403D Datasheet HTML 9Page - NXP Semiconductors 74HC7403D Datasheet HTML 10Page - NXP Semiconductors 74HC7403D Datasheet HTML 11Page - NXP Semiconductors 74HC7403D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
September 1993
8
Philips Semiconductors
Product specification
4-Bit x 64-word FIFO register; 3-state
74HC/HCT7403
tW
DIR pulse width
HIGH
10
5
4
41
15
12
130
26
22
8
4
3
165
33
28
8
4
3
195
39
33
ns
ns
ns
2.0
4.5
6.0
Fig.7
tW
DOR pulse
width HIGH
14
7
6.0
52
19
15
160
32
27
12
6
5
200
40
34
12
6.0
5.0
240
48
41
ns
ns
ns
2.0
4.5
6.0
Fig.10
tW
MR pulse width
LOW
120
24
20
39
14
11
150
30
26
180
36
31
ns
ns
ns
2.0
4.5
6.0
Fig.8
trem
removal time
MR to SI
80
16
14
24
8
7
100
20
17
120
24
20
ns
ns
ns
2.0
4.5
6.0
Fig.15
tsu
set-up time
Dn to SI
−8
−4
−3
−36
−13
−10
−6
−3
−3
−6
−3
−3
ns
ns
ns
2.0
4.5
6.0
Fig.13
th
hold time
Dn to SI
135
27
23
44
16
13
170
34
29
205
41
35
ns
ns
ns
2.0
4.5
6.0
Fig.13
fmax
maximum
clock pulse
frequency
SI, SO burst
mode
3.6
18
21
9.9
30
36
2.8
14
16
2.4
12
14
MHz
MHz
MHz
2.0
4.5
6.0
Figs 11 and 12
fmax
maximum clock
pulse frequency
SI, SO using
flags
3.6
18
21
9.9
30
36
2.8
14
16
2.4
12
14
MHz
MHz
MHz
2.0
4.5
6.0
Figs 6 and 9
fmax
maximum clock
pulse frequency
SI, SO
cascaded
7.6
23
27
MHz
MHz
MHz
2.0
4.5
6.0
Figs 6 and 9
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITION
+25
−40 to +85
−40 to +125
VCC
(V)
WAVEFORMS
MIN
TYP
MAX
MIN
MAX
MIN
MAX


Numéro de pièce similaire - 74HC7403D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
More results

Description similaire - 74HC7403D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
74HC7030 PHILIPS-74HC7030 Datasheet
172Kb / 22P
   9-bit x 64-word FIFO register; 3-state
December 1990
74HC40105 PHILIPS-74HC40105 Datasheet
200Kb / 25P
   4-bit x 16-word FIFO register
1998 Jan 23
logo
STMicroelectronics
M54HC670 STMICROELECTRONICS-M54HC670 Datasheet
264Kb / 12P
   4 WORD X 4 BIT REGISTER FILE 3 STATE
M74HC670 STMICROELECTRONICS-M74HC670 Datasheet
482Kb / 11P
   4 WORD x 4 BIT REGISTER FILE (3 STATE)
logo
Toshiba Semiconductor
TC74HC40105AP TOSHIBA-TC74HC40105AP Datasheet
467Kb / 11P
   4 Bit 횞 16 Word FIFO Register
logo
Texas Instruments
CD54HC40105 TI-CD54HC40105_07 Datasheet
461Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC40105 TI-CD54HC40105_08 Datasheet
602Kb / 22P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC40105 TI-CD54HC40105 Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com