Moteur de recherche de fiches techniques de composants électroniques |
|
CD1005-Z36 Fiches technique(PDF) 2 Page - Bourns Electronic Solutions |
|
CD1005-Z36 Fiches technique(HTML) 2 Page - Bourns Electronic Solutions |
2 / 6 page CD0603/1005-Z Surface Mount Zener Diode Series Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Part Number Part Zener Voltage Zener Impedance Reverse Current Marking VZ ZZT IZ ZZK IZ IR CD0603 CD1005 Min. V Max. V IZ (mA) Ohms mA Ohms mA µAVR -Z2 -Z2 Z0 1.90 2.1 5 100 5 600 1 100 1 -Z2V2 -Z2V2 Z1 2.09 2.31 5 100 5 600 1 100 1 -Z2V4 -Z2V4 Z2 2.28 2.52 5 85 5 600 1 100 1 -Z2V7 -Z2V7 Z3 2.57 2.84 5 83 5 500 1 75 1 -Z3 -Z3 Z4 2.85 3.15 5 95 5 500 1 50 1 -Z3V3 -Z3V3 Z5 3.14 3.47 5 95 5 500 1 25 1 -Z3V6 -Z3V6 Z6 3.42 3.78 5 95 5 500 1 15 1 -Z3V9 -Z3V9 Z7 3.71 4.10 5 95 5 500 1 10 1 -Z4V3 -Z4V3 Z8 4.09 4.52 5 95 5 500 1 5 1 -Z4V7 -Z4V7 Z9 4.47 4.94 5 78 5 500 1 5 2 -Z5V1 -Z5V1 ZA 4.85 5.36 5 60 5 480 1 0.1 0.8 -Z5V6 -Z5V6 ZB 5.32 5.88 5 40 5 400 1 0.1 1 -Z6V2 -Z6V2 ZC 5.89 6.51 5 10 5 200 1 0.1 2 -Z6V8 -Z6V8 ZE 6.46 7.14 5 8 5 150 1 0.1 3 -Z7V5 -Z7V5 ZF 7.13 7.88 5 7 5 50 1 0.1 5 -Z8V2 -Z8V2 ZG 7.79 8.61 5 7 5 50 1 0.1 6 -Z9V1 -Z9V1 ZH 8.65 9.56 5 10 5 50 1 0.1 7 -Z10 -Z10 ZJ 9.50 10.50 5 15 5 70 1 0.1 7.5 -Z11 -Z11 ZK 10.45 11.55 5 20 5 70 1 0.1 8.5 -Z12 -Z12 ZM 11.40 12.60 5 20 5 90 1 0.1 9 -Z13 -Z13 ZN 12.35 13.65 5 25 5 110 1 0.1 10 -Z15 -Z15 ZP 14.25 15.75 5 30 5 110 1 0.1 11 -Z16 -Z16 ZQ 15.20 16.80 5 40 5 170 1 0.1 12 -Z18 -Z18 ZR 17.10 18.90 5 50 5 170 1 0.1 14 -Z20 -Z20 ZS 19.00 21.00 5 50 5 220 1 0.1 15 -Z22 -Z22 ZT 20.90 23.10 5 55 5 220 1 0.1 17 -Z24 -Z24 ZU 22.80 25.20 5 80 5 220 1 0.1 18 -Z27 -Z27 ZV 25.65 28.35 5 80 5 250 1 0.1 20 -Z30 -Z30 ZW 28.50 31.50 5 80 5 250 1 0.1 23 -Z33 -Z33 ZX 31.35 34.65 5 80 5 250 1 0.1 25 -Z36 -Z36 ZY 34.20 37.80 5 90 5 250 1 0.1 27 -Z39 -Z39 ZZ 37.05 40.95 5 90 5 300 1 0.1 39 Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted) |
Numéro de pièce similaire - CD1005-Z36 |
|
Description similaire - CD1005-Z36 |