Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD1005-Z27 Datasheet(Fiches technique) 4 Page - Bourns Electronic Solutions

Numéro de pièce CD1005-Z27
Description  CD0603/1005-Z Surface Mount Zener Diode Series
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD1005-Z27 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CD1005-Z27 Datenblatt HTML 1Page - Bourns Electronic Solutions CD1005-Z27 Datenblatt HTML 2Page - Bourns Electronic Solutions CD1005-Z27 Datenblatt HTML 3Page - Bourns Electronic Solutions CD1005-Z27 Datasheet HTML 4Page - Bourns Electronic Solutions CD1005-Z27 Datenblatt HTML 5Page - Bourns Electronic Solutions CD1005-Z27 Datenblatt HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD0603/1005-Z Surface Mount Zener Diode Series
Rating and Characteristic Curves
Temperature Sensitivity
-4
-3
-2
-1
0
1
2
7
2
3
4
5
6
7
8
9
10
11
12
Nominal Zener Voltage, Volts
3
4
5
6
1
10
100
10
30
20
40
50
Nominal Zener Voltage, Volts
Zener Current vs. Zener Voltage Characteristics
0.01
0.1
1
10
100
2
0
4
6
8
10
12
Reverse Voltage, Volts
TA = 25 °C
0.01
0.1
1
10
100
10
20
30
40
50
Reverse Voltage, Volts
TA = 25 °C
Derating Curve
0
0.1
0.2
0.3
0.4
0.5
0.6
050
25
75
150
Temperature (°C)
100
125
0
50
040
Normal Zener Voltage (V)
100
150
200
250
300
350
400
20
10
30
0 V BIAS
1 V BIAS
TA = 25 °C
BIASAT
50 % OF V2NOM
Typical Junction Capacitance


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
ZTS200-X1WATT SURFACE MOUNT ZENER DIODE 1 2 Formosa MS
CLL5221BSURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 75 VOLTS 1 2 Central Semiconductor Corp
ZM4728A1.0W SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
CMKTC825ASURFACE MOUNT ULTRAmini TEMPERATURE COMPENSATED SILICON ZENER DIODE 1 2 Central Semiconductor Corp
CZRA3011Surface Mount Zener Diode 1 2 3 4 5 Comchip Technology
BZX84C2V4300mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
ZMM2V4500mW SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
CMKZ5221BSURFACE MOUNT ULTRAmini TRIPLE ISOLATED SILICON ZENER DIODE 5% TOLERANCE 1 2 Central Semiconductor Corp
CZRA1110Surface Mount Zener Diode 1 2 3 Comchip Technology
BZX84C2V4350mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Won-Top Electronics

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn