Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD1005-Z20 Datasheet(Fiches technique) 1 Page - Bourns Electronic Solutions

Numéro de pièce CD1005-Z20
Description  CD0603/1005-Z Surface Mount Zener Diode Series
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD1005-Z20 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CD1005-Z20 Datasheet HTML 1Page - Bourns Electronic Solutions CD1005-Z20 Datenblatt HTML 2Page - Bourns Electronic Solutions CD1005-Z20 Datenblatt HTML 3Page - Bourns Electronic Solutions CD1005-Z20 Datenblatt HTML 4Page - Bourns Electronic Solutions CD1005-Z20 Datenblatt HTML 5Page - Bourns Electronic Solutions CD1005-Z20 Datenblatt HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CD0603/1005-Z Surface Mount Zener Diode Series
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Features
Lead free as standard
RoHS compliant*
Zener voltages 2.0 V to 39 V
Fits SOD323 and SOD523
Applications
DC-DC converters
Portable electronics
Industrial controllers
Desktop PCs and notebooks
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly
smaller electronic components.
Bourns offers Zener Diodes for voltage reference applications, in compact chip package 0603 and 1005 size format, which offer PCB real
estate savings and are considerably smaller than most competitive parts. The Zener Diodes have a zener voltage range between 2.0 V and
39 V.
Bourns® Chip Diodes conform to JEDEC standards, are easy to handle on standard pick and place equipment and their flat configuration
minimizes roll away.
Parameter
Symbol
CD1005-Z
CD0603-Z
Unit
Power Dissipation @ T=75 °CPD
200
150
mW
Peak Forward Surge Current 8.3 ms
Single Half Sine-wave Superimposed on
IFSM
2.0
2.0
A
Rated Load (JEDEC Method)
Operating and Storage Temperature Range
TJ
-55 to +125
-55 to +125
°C
Electrical and Thermal Characteristics (@ TA = 25 °C Unless Otherwise Noted)
How To Order
CD 0603 - Z 2V2
Common Code
Chip Diode
Package
• 0603
• 1005
Model
Z = Zener Diode
Nominal Zener Voltage
2V2 = 2.2 Volts
39
= 39 Volts
Notes:
1. Pulse test width PW=300 µsec, 1 % duty cycle.
2. Mounted on P.C. board with 0.2 x 0.2 “ (5.0 x 5.0 mm) copper pad areas.
Reliable Electronic Solutions
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
ZTS200-X1WATT SURFACE MOUNT ZENER DIODE 1 2 Formosa MS
CLL5221BSURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 75 VOLTS 1 2 Central Semiconductor Corp
ZM4728A1.0W SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
CMKTC825ASURFACE MOUNT ULTRAmini TEMPERATURE COMPENSATED SILICON ZENER DIODE 1 2 Central Semiconductor Corp
CZRA3011Surface Mount Zener Diode 1 2 3 4 5 Comchip Technology
BZX84C2V4300mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
ZMM2V4500mW SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
CMKZ5221BSURFACE MOUNT ULTRAmini TRIPLE ISOLATED SILICON ZENER DIODE 5% TOLERANCE 1 2 Central Semiconductor Corp
CZRA1110Surface Mount Zener Diode 1 2 3 Comchip Technology
BZX84C2V4350mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Won-Top Electronics

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn