Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD1005-Z2 Datasheet(Fiches technique) 3 Page - Bourns Electronic Solutions

Numéro de pièce CD1005-Z2
Description  CD0603/1005-Z Surface Mount Zener Diode Series
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD1005-Z2 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CD1005-Z2 Datenblatt HTML 1Page - Bourns Electronic Solutions CD1005-Z2 Datenblatt HTML 2Page - Bourns Electronic Solutions CD1005-Z2 Datasheet HTML 3Page - Bourns Electronic Solutions CD1005-Z2 Datenblatt HTML 4Page - Bourns Electronic Solutions CD1005-Z2 Datenblatt HTML 5Page - Bourns Electronic Solutions CD1005-Z2 Datenblatt HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD0603/1005-Z Surface Mount Zener Diode Series
Dimension
0603
1005
A
1.60 - 1.80
2.40 - 2.60
(0.063 - 0.071)
(0.095 - 0.102)
B
0.80 - 1.00
1.10 - 1.30
(0.031 - 0.039)
(0.043 - 0.051)
C
0.25
Typ.
0.35
Typ.
(0.010)
(0.014)
D
0.70 - 0.85
0.70 - 0.90
(0.027 - 0.033)
(0.027 - 0.035)
E
0.35
Typ.
0.35
Typ.
(0.014)
(0.014)
F
0.30
Typ.
0.30
Typ.
(0.012)
(0.012)
Product Dimensions
Recommended Pad Layout
Physical Specifications
Case ....................................0603(1608) / 1005(2512) Molded plastic
Terminals ......................Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity ....................................................Indicated by cathode band
Mounting Position ........................................................................Any
A
C
F
E
B
D
A
C
B
MM
(INCHES)
DIMENSIONS:
Dimension
0603
1005
A (Max.)
1.70
2.10
(0.067)
(0.082)
B (Min.)
0.80
1.20
(0.031)
(0.047)
C (Min.)
0.60
1.20
(0.024)
(0.047)
MM
(INCHES)
DIMENSIONS:


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
ZTS200-X1WATT SURFACE MOUNT ZENER DIODE 1 2 Formosa MS
CLL5221BSURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 75 VOLTS 1 2 Central Semiconductor Corp
ZM4728A1.0W SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
CMKTC825ASURFACE MOUNT ULTRAmini TEMPERATURE COMPENSATED SILICON ZENER DIODE 1 2 Central Semiconductor Corp
CZRA3011Surface Mount Zener Diode 1 2 3 4 5 Comchip Technology
BZX84C2V4300mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
ZMM2V4500mW SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
CMKZ5221BSURFACE MOUNT ULTRAmini TRIPLE ISOLATED SILICON ZENER DIODE 5% TOLERANCE 1 2 Central Semiconductor Corp
CZRA1110Surface Mount Zener Diode 1 2 3 Comchip Technology
BZX84C2V4350mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Won-Top Electronics

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn