Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD1005-Z2 Datasheet(Fiches technique) 2 Page - Bourns Electronic Solutions

Numéro de pièce CD1005-Z2
Description  CD0603/1005-Z Surface Mount Zener Diode Series
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD1005-Z2 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CD1005-Z2 Datenblatt HTML 1Page - Bourns Electronic Solutions CD1005-Z2 Datasheet HTML 2Page - Bourns Electronic Solutions CD1005-Z2 Datenblatt HTML 3Page - Bourns Electronic Solutions CD1005-Z2 Datenblatt HTML 4Page - Bourns Electronic Solutions CD1005-Z2 Datenblatt HTML 5Page - Bourns Electronic Solutions CD1005-Z2 Datenblatt HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CD0603/1005-Z Surface Mount Zener Diode Series
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Part Number
Part
Zener Voltage
Zener Impedance
Reverse Current
Marking
VZ
ZZT
IZ
ZZK
IZ
IR
CD0603
CD1005
Min. V
Max. V
IZ (mA)
Ohms
mA
Ohms
mA
µAVR
-Z2
-Z2
Z0
1.90
2.1
5
100
5
600
1
100
1
-Z2V2
-Z2V2
Z1
2.09
2.31
5
100
5
600
1
100
1
-Z2V4
-Z2V4
Z2
2.28
2.52
5
85
5
600
1
100
1
-Z2V7
-Z2V7
Z3
2.57
2.84
5
83
5
500
1
75
1
-Z3
-Z3
Z4
2.85
3.15
5
95
5
500
1
50
1
-Z3V3
-Z3V3
Z5
3.14
3.47
5
95
5
500
1
25
1
-Z3V6
-Z3V6
Z6
3.42
3.78
5
95
5
500
1
15
1
-Z3V9
-Z3V9
Z7
3.71
4.10
5
95
5
500
1
10
1
-Z4V3
-Z4V3
Z8
4.09
4.52
5
95
5
500
1
5
1
-Z4V7
-Z4V7
Z9
4.47
4.94
5
78
5
500
1
5
2
-Z5V1
-Z5V1
ZA
4.85
5.36
5
60
5
480
1
0.1
0.8
-Z5V6
-Z5V6
ZB
5.32
5.88
5
40
5
400
1
0.1
1
-Z6V2
-Z6V2
ZC
5.89
6.51
5
10
5
200
1
0.1
2
-Z6V8
-Z6V8
ZE
6.46
7.14
5
8
5
150
1
0.1
3
-Z7V5
-Z7V5
ZF
7.13
7.88
5
7
5
50
1
0.1
5
-Z8V2
-Z8V2
ZG
7.79
8.61
5
7
5
50
1
0.1
6
-Z9V1
-Z9V1
ZH
8.65
9.56
5
10
5
50
1
0.1
7
-Z10
-Z10
ZJ
9.50
10.50
5
15
5
70
1
0.1
7.5
-Z11
-Z11
ZK
10.45
11.55
5
20
5
70
1
0.1
8.5
-Z12
-Z12
ZM
11.40
12.60
5
20
5
90
1
0.1
9
-Z13
-Z13
ZN
12.35
13.65
5
25
5
110
1
0.1
10
-Z15
-Z15
ZP
14.25
15.75
5
30
5
110
1
0.1
11
-Z16
-Z16
ZQ
15.20
16.80
5
40
5
170
1
0.1
12
-Z18
-Z18
ZR
17.10
18.90
5
50
5
170
1
0.1
14
-Z20
-Z20
ZS
19.00
21.00
5
50
5
220
1
0.1
15
-Z22
-Z22
ZT
20.90
23.10
5
55
5
220
1
0.1
17
-Z24
-Z24
ZU
22.80
25.20
5
80
5
220
1
0.1
18
-Z27
-Z27
ZV
25.65
28.35
5
80
5
250
1
0.1
20
-Z30
-Z30
ZW
28.50
31.50
5
80
5
250
1
0.1
23
-Z33
-Z33
ZX
31.35
34.65
5
80
5
250
1
0.1
25
-Z36
-Z36
ZY
34.20
37.80
5
90
5
250
1
0.1
27
-Z39
-Z39
ZZ
37.05
40.95
5
90
5
300
1
0.1
39
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
ZTS200-X1WATT SURFACE MOUNT ZENER DIODE 1 2 Formosa MS
CLL5221BSURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 75 VOLTS 1 2 Central Semiconductor Corp
ZM4728A1.0W SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
CMKTC825ASURFACE MOUNT ULTRAmini TEMPERATURE COMPENSATED SILICON ZENER DIODE 1 2 Central Semiconductor Corp
CZRA3011Surface Mount Zener Diode 1 2 3 4 5 Comchip Technology
BZX84C2V4300mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
ZMM2V4500mW SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
CMKZ5221BSURFACE MOUNT ULTRAmini TRIPLE ISOLATED SILICON ZENER DIODE 5% TOLERANCE 1 2 Central Semiconductor Corp
CZRA1110Surface Mount Zener Diode 1 2 3 Comchip Technology
BZX84C2V4350mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Won-Top Electronics

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn