Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CDNBS16-T03 Fiches technique(PDF) 3 Page - Bourns Electronic Solutions

No de pièce CDNBS16-T03
Description  CDNBS16-T03~T36C - TVS Diode Array Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDNBS16-T03 Fiches technique(HTML) 3 Page - Bourns Electronic Solutions

  CDNBS16-T03 Datasheet HTML 1Page - Bourns Electronic Solutions CDNBS16-T03 Datasheet HTML 2Page - Bourns Electronic Solutions CDNBS16-T03 Datasheet HTML 3Page - Bourns Electronic Solutions CDNBS16-T03 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDNBS16-T03~T36C – TVS Diode Array Series
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Performance Graphs
Peak Pulse Power vs Pulse Time
10,000
1,000
100
10
1
0.1
10
100
10,000
1,000
td – Pulse Duration (µs)
500 W, 8/20 µs Waveform
Pulse Wave Form
20
40
60
80
100
120
0
030
25
20
15
10
5
t – Time (µs)
Test Waveform Parameters
tt = 8 µs
td = 20 µs
tt
et
td = t
|IPP/2
Power Derating Curve
0
20
40
60
80
100
0
25
50
75
100
125
150
TL – Lead Temperature (°C)
Average Power
Peak Pulse Power
8/20 µs
Block Diagram
Device Pinout
Pin
Function
Pin
Function
1
GND
9
I/O 1
2
GND
10
I/O 2
3
GND
11
I/O 3
4
GND
12
I/O 4
5
GND
13
I/O 5
6
GND
14
I/O 6
7
GND
15
I/O 7
8
GND
16
I/O 8
The device block diagrams below include the pin names and basic
electrical connections associated with each channel.
16
15
14
13
UNIDIRECTIONAL
12
11
10
9
1
2
3
4
5
6
7
8
16
15
14
13
BIDIRECTIONAL
12
11
10
9
1
2
3
4
5
6
7
8


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
CDSOT23-T03 CDSOT23-T03~T36C - TVS Diode Array Series 1  2  3  4  Bourns Electronic Solutions
CD0402-T3.3LC CD0402-TxxLC - TVS Diode Array Series 1  2  3  4  Bourns Electronic Solutions
CD0402-T3.3C CD0402-TxxC - TVS Diode Array Series 1  2  3  4  Bourns Electronic Solutions
CD143A-SR05 CD143A-SR05~12 - Steering/TVS Diode Array Series 1  2  3  4  Bourns Electronic Solutions
CD143A-SR2.8 CD143A-SR2.8~3.3 - Steering/TVS Diode Array Series 1  2  3  4  Bourns Electronic Solutions
CDSOD323-T03C CDSOD323-TxxC - TVS Diode Array Series 1  2  3  4  Bourns Electronic Solutions
CDNBS08-USB3B CDNBS08-USBxB Series - Steering Diode/TVS Array Combo 1  2  3  4  Bourns Electronic Solutions
CDNBS08-T03 CDNBS08-T03~T36C - TVS Diode Array Series 1  2  3  4  Bourns Electronic Solutions
CDNBS08-SRDA3.3-4 CDNBS08-SRDAxx-4 Series - Steering Diode/TVS Array Combo 1  2  3  4  Bourns Electronic Solutions
CDSOT23-T03LC CDSOT23-T03LC~T36LC - Low Capacitance TVS Diode Array Series 1  2  3  4  Bourns Electronic Solutions