Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCT688 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 74HCT688
Description  8-bit magnitude comparator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT688 Fiches technique(HTML) 5 Page - NXP Semiconductors

  74HCT688 Datasheet HTML 1Page - NXP Semiconductors 74HCT688 Datasheet HTML 2Page - NXP Semiconductors 74HCT688 Datasheet HTML 3Page - NXP Semiconductors 74HCT688 Datasheet HTML 4Page - NXP Semiconductors 74HCT688 Datasheet HTML 5Page - NXP Semiconductors 74HCT688 Datasheet HTML 6Page - NXP Semiconductors 74HCT688 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
December 1990
5
Philips Semiconductors
Product specification
8-bit magnitude comparator
74HC/HCT688
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
Pn, Qn to P = Q
55
20
16
170
34
29
215
43
37
255
51
43
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH
propagation delay
E to P = Q
28
10
8
120
24
20
150
30
26
180
36
31
ns
2.0
4.5
6.0
Fig.7
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Figs 6 and 7


Numéro de pièce similaire - 74HCT688

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74HCT688 NEXPERIA-74HCT688 Datasheet
53Kb / 7P
   8-bit magnitude comparator
December 1990
More results

Description similaire - 74HCT688

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74HC688 NEXPERIA-74HC688 Datasheet
231Kb / 13P
   8-bit magnitude comparator
Rev. 4 - 16 July 2021
logo
Hitachi Semiconductor
HD74HCT688 HITACHI-HD74HCT688 Datasheet
55Kb / 8P
   8-bit Magnitude Comparator
logo
Renesas Technology Corp
HD74HC688 RENESAS-HD74HC688 Datasheet
111Kb / 8P
   8-bit Magnitude Comparator
logo
NXP Semiconductors
74LV688 PHILIPS-74LV688 Datasheet
126Kb / 12P
   8-bit magnitude comparator
1998 Jun 23
logo
Renesas Technology Corp
HD74HC682 RENESAS-HD74HC682 Datasheet
92Kb / 7P
   8-bit Magnitude Comparator
logo
Nexperia B.V. All right...
74HCT688 NEXPERIA-74HCT688 Datasheet
53Kb / 7P
   8-bit magnitude comparator
December 1990
logo
Hitachi Semiconductor
HD74HC682 HITACHI-HD74HC682 Datasheet
45Kb / 7P
   8-bit Magnitude Comparator
HD74HC688 HITACHI-HD74HC688 Datasheet
60Kb / 9P
   8-bit Magnitude Comparator
logo
Renesas Technology Corp
HD74HCT688 RENESAS-HD74HCT688 Datasheet
111Kb / 8P
   8-bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT688_CNV PHILIPS-74HC_HCT688_CNV_15 Datasheet
54Kb / 7P
   8-bit magnitude comparator
December 1990
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com