Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD125SC200B Fiches technique(PDF) 1 Page - Sensitron

No de pièce SD125SC200B
Description  SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SENSITRON [Sensitron]
Site Internet  http://www.sensitron.com
Logo SENSITRON - Sensitron

SD125SC200B Fiches technique(HTML) 1 Page - Sensitron

  SD125SC200B Datasheet HTML 1Page - Sensitron SD125SC200B Datasheet HTML 2Page - Sensitron SD125SC200B Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 4938, Rev A
SILICON SCHOTTKY RECTIFIER DIE
Very Low Forward Voltage Drop
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Soft Reverse Recovery at Low and High Temperature
Very Low Forward Voltage Drop
Low Reverse Leakage Current
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Electrically / Mechanically Stable during and after Packaging
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
200
V
Max. Average Forward Current
IF(AV)
50% duty cycle, rectangular
wave form
15
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave
(1)
280
A
Non-Repetitive Avalanche
Energy
EAS
TJ = 25 °C, IAS = 0.6 A,
L = 40mH
7.2
mJ
Repetitive Avalanche Current
IAR
IAS decay linearly to 0 in 1 µs
ƒ limited by TJ max VA=1.5VR
0.6
A
Max. Junction Temperature
TJ
-
-65 to +200
°C
Max. Storage Temperature
Tstg
-
-65 to +200
°C
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 15A, Pulse, TJ = 25 °C
0.92
V
VF2
@ 15A, Pulse, TJ = 125 °C
0.76
V
Max. Reverse Current
IR1
@VR = 200V, Pulse,
TJ = 25 °C
350
µA
IR2
@VR = 200V, Pulse,
TJ = 125 °C
8
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz,
VSIG = 50mV (p-p)
300
pF
(1) in SHD package
SD125SC200A/B/C


Numéro de pièce similaire - SD125SC200B

FabricantNo de pièceFiches techniqueDescription
logo
Sensitron
SD125SC100A SENSITRON-SD125SC100A Datasheet
189Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 200째C Operating Temperature
SD125SC100B SENSITRON-SD125SC100B Datasheet
189Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 200째C Operating Temperature
SD125SC100C SENSITRON-SD125SC100C Datasheet
189Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 200째C Operating Temperature
SD125SC150A SENSITRON-SD125SC150A Datasheet
189Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD125SC150B SENSITRON-SD125SC150B Datasheet
189Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
More results

Description similaire - SD125SC200B

FabricantNo de pièceFiches techniqueDescription
logo
Sensitron
SD125SB45A SENSITRON-SD125SB45A Datasheet
188Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD125SC150A SENSITRON-SD125SC150A Datasheet
189Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD175SA30A SENSITRON-SD175SA30A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD275SA30A SENSITRON-SD275SA30A Datasheet
181Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD060SC200A SENSITRON-SD060SC200A Datasheet
165Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD090SA45A SENSITRON-SD090SA45A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD200SA30A SENSITRON-SD200SA30A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD200SC200A SENSITRON-SD200SC200A Datasheet
55Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD040SA30A SENSITRON-SD040SA30A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD040SC200A SENSITRON-SD040SC200A Datasheet
56Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com