Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC4515N Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce 74HC4515N
Description  4-to-16 line decoder/demultiplexer with input latches; inverting
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4515N Fiches technique(HTML) 7 Page - NXP Semiconductors

  74HC4515N Datasheet HTML 1Page - NXP Semiconductors 74HC4515N Datasheet HTML 2Page - NXP Semiconductors 74HC4515N Datasheet HTML 3Page - NXP Semiconductors 74HC4515N Datasheet HTML 4Page - NXP Semiconductors 74HC4515N Datasheet HTML 5Page - NXP Semiconductors 74HC4515N Datasheet HTML 6Page - NXP Semiconductors 74HC4515N Datasheet HTML 7Page - NXP Semiconductors 74HC4515N Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
September 1993
7
Philips Semiconductors
Product specification
4-to-16 line decoder/demultiplexer with
input latches; inverting
74HC/HCT4515
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
INPUT
UNIT LOAD COEFFICIENT
An
LE
E
0.65
1.40
1.00
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to+85 −40 to +125
min.
typ.
max.
min. max.
min.
max.
tPHL/ tPLH
propagation delay
An to Qn
30
55
69
83
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
LE to Qn
29
50
63
75
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
E to Qn
18
40
50
60
ns
4.5
Fig.6
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.6
tW
latch enable pulse width
HIGH
16
3
20
24
ns
4.5
Fig.7
tsu
set-up time
An to LE
18
9
23
27
ns
4.5
Fig.7
th
hold time
An to LE
3
−2
3
3
ns
4.5
Fig.7


Numéro de pièce similaire - 74HC4515N

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74HC4515 NEXPERIA-74HC4515 Datasheet
67Kb / 8P
   4-to-16 line decoder/demultiplexer with input latches; inverting
September 1993
74HC4515 NEXPERIA-74HC4515 Datasheet
212Kb / 14P
   4-to-16 line decoder/demultiplexer with input latches; inverting
Rev. 3 - 2 July 2018
74HC4515D NEXPERIA-74HC4515D Datasheet
212Kb / 14P
   4-to-16 line decoder/demultiplexer with input latches; inverting
Rev. 3 - 2 July 2018
More results

Description similaire - 74HC4515N

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC_HCT4515_CNV PHILIPS-74HC_HCT4515_CNV_15 Datasheet
68Kb / 8P
   4-to-16 line decoder/demultiplexer with input latches; inverting
September 1993
logo
Nexperia B.V. All right...
74HCT4515 NEXPERIA-74HCT4515 Datasheet
67Kb / 8P
   4-to-16 line decoder/demultiplexer with input latches; inverting
September 1993
74HC4515 NEXPERIA-74HC4515 Datasheet
212Kb / 14P
   4-to-16 line decoder/demultiplexer with input latches; inverting
Rev. 3 - 2 July 2018
74HCT4514 NEXPERIA-74HCT4514 Datasheet
276Kb / 16P
   4-to-16 line decoder/demultiplexer with input latches
Rev. 4 - 15 July 2021
logo
NXP Semiconductors
74HC4514 PHILIPS-74HC4514 Datasheet
76Kb / 9P
   4-to-16 line decoder/demultiplexer with input latches
September 1993
74HC_HCT4514_CNV PHILIPS-74HC_HCT4514_CNV_15 Datasheet
80Kb / 9P
   4-to-16 line decoder/demultiplexer with input latches
September 1993
logo
Nexperia B.V. All right...
74HC4514-Q100 NEXPERIA-74HC4514-Q100 Datasheet
242Kb / 14P
   4-to-16 line decoder/demultiplexer with input latches
Rev. 1 - 1 September 2022
logo
NXP Semiconductors
74HC137 PHILIPS-74HC137 Datasheet
107Kb / 19P
   3-to-8 line decoder, demultiplexer with address latches inverting
Rev. 03-11 November 2004
74HC137 PHILIPS-74HC137 Datasheet
68Kb / 8P
   3-to-8 line decoder/demultiplexer with address latches; inverting
Rev. 03-11 November 2004
74HC137 PHILIPS-74HC137_1 Datasheet
72Kb / 8P
   3-to-8 line decoder/demultiplexer with address latches; inverting
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com