Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCT4515D Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 74HCT4515D
Description  4-to-16 line decoder/demultiplexer with input latches; inverting
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4515D Fiches technique(HTML) 8 Page - NXP Semiconductors

  74HCT4515D Datasheet HTML 1Page - NXP Semiconductors 74HCT4515D Datasheet HTML 2Page - NXP Semiconductors 74HCT4515D Datasheet HTML 3Page - NXP Semiconductors 74HCT4515D Datasheet HTML 4Page - NXP Semiconductors 74HCT4515D Datasheet HTML 5Page - NXP Semiconductors 74HCT4515D Datasheet HTML 6Page - NXP Semiconductors 74HCT4515D Datasheet HTML 7Page - NXP Semiconductors 74HCT4515D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
September 1993
8
Philips Semiconductors
Product specification
4-to-16 line decoder/demultiplexer with
input latches; inverting
74HC/HCT4515
AC WAVEFORMS
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
Fig.6
Waveforms showing the input (An, LE, E) to output (Qn) propagation delays and the output transition times.
(1)
HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.7
Waveforms showing the minimum pulse width of the latch enable input (LE) and the set-up and hold times
for LE to An. Set-up and hold times are shown as positive values but may be specified as negative values.
The shaded areas indicate when the input is
permitted to change for predictable output
performance.
(1)
HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.


Numéro de pièce similaire - 74HCT4515D

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74HCT4515 NEXPERIA-74HCT4515 Datasheet
67Kb / 8P
   4-to-16 line decoder/demultiplexer with input latches; inverting
September 1993
More results

Description similaire - 74HCT4515D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC_HCT4515_CNV PHILIPS-74HC_HCT4515_CNV_15 Datasheet
68Kb / 8P
   4-to-16 line decoder/demultiplexer with input latches; inverting
September 1993
logo
Nexperia B.V. All right...
74HCT4515 NEXPERIA-74HCT4515 Datasheet
67Kb / 8P
   4-to-16 line decoder/demultiplexer with input latches; inverting
September 1993
74HC4515 NEXPERIA-74HC4515 Datasheet
212Kb / 14P
   4-to-16 line decoder/demultiplexer with input latches; inverting
Rev. 3 - 2 July 2018
74HCT4514 NEXPERIA-74HCT4514 Datasheet
276Kb / 16P
   4-to-16 line decoder/demultiplexer with input latches
Rev. 4 - 15 July 2021
logo
NXP Semiconductors
74HC4514 PHILIPS-74HC4514 Datasheet
76Kb / 9P
   4-to-16 line decoder/demultiplexer with input latches
September 1993
74HC_HCT4514_CNV PHILIPS-74HC_HCT4514_CNV_15 Datasheet
80Kb / 9P
   4-to-16 line decoder/demultiplexer with input latches
September 1993
logo
Nexperia B.V. All right...
74HC4514-Q100 NEXPERIA-74HC4514-Q100 Datasheet
242Kb / 14P
   4-to-16 line decoder/demultiplexer with input latches
Rev. 1 - 1 September 2022
logo
NXP Semiconductors
74HC137 PHILIPS-74HC137 Datasheet
107Kb / 19P
   3-to-8 line decoder, demultiplexer with address latches inverting
Rev. 03-11 November 2004
74HC137 PHILIPS-74HC137 Datasheet
68Kb / 8P
   3-to-8 line decoder/demultiplexer with address latches; inverting
Rev. 03-11 November 2004
74HC137 PHILIPS-74HC137_1 Datasheet
72Kb / 8P
   3-to-8 line decoder/demultiplexer with address latches; inverting
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com