Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC58DVM92A1FT00 Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TC58DVM92A1FT00
Description  MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58DVM92A1FT00 Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TC58DVM92A1FT00 Datasheet HTML 1Page - Toshiba Semiconductor TC58DVM92A1FT00 Datasheet HTML 2Page - Toshiba Semiconductor TC58DVM92A1FT00 Datasheet HTML 3Page - Toshiba Semiconductor TC58DVM92A1FT00 Datasheet HTML 4Page - Toshiba Semiconductor TC58DVM92A1FT00 Datasheet HTML 5Page - Toshiba Semiconductor TC58DVM92A1FT00 Datasheet HTML 6Page - Toshiba Semiconductor TC58DVM92A1FT00 Datasheet HTML 7Page - Toshiba Semiconductor TC58DVM92A1FT00 Datasheet HTML 8Page - Toshiba Semiconductor TC58DVM92A1FT00 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
TC58DVM92A1FT00
2003-01-10
3/44
VALID BLOCKS (1)
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
NVB
Number of Valid Blocks
4016
4096
Blocks
(1) The device occasionally contains unusable blocks. Refer to Application Note (14) toward the end of this document.
(2) The first block (block address #00) is guaranteed to be a valid block at the time of shipment.
RECOMMENDED DC OPERATING CONDITIONS
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
VCC
Power Supply Voltage
2.7
3.3
3.6
V
VIH
High Level input Voltage
2.0
VCC
0.3
V
VIL
Low Level Input Voltage
0.3
*
0.8
V
*
2 V (pulse width lower than 20 ns)
DC CHARACTERISTICS (Ta 0° to 70°C, VCC 2.7 V to 3.6 V)
SYMBOL
PARAMETER
CONDITION
MIN
TYP.
MAX
UNIT
IIL
Input Leakage Current
VIN
0 V to VCC
10
A
ILO
Output Leakage Current
VOUT
0 V to VCC
10
A
ICCO1
Operating Current (Serial Read)
CE
VIL, IOUT
0 mA, tcycle
50 ns
10
30
mA
ICCO3
Operating Current
(Command Input)
tcycle
50 ns
10
30
mA
ICCO4
Operating Current (Data Input)
tcycle
50 ns
10
30
mA
ICCO5
Operating Current
(Address Input)
tcycle
50 ns
10
30
mA
ICCO7
Programming Current
10
30
mA
ICCO8
Erasing Current
10
30
mA
ICCS1
Standby Current
CE
VIH, WP
0V/VCC
1
mA
ICCS2
Standby Current
CE
VCC
0.2 V, WP
0V/VCC
10
50
A
VOH
High Level Output Voltage
IOH
400 A
2.4
V
VOL
Low Level Output Voltage
IOL
2.1 mA
0.4
V
IOL (
BY
/
RY
)
Output Current of
BY
/
RY
pin
VOL
0.4 V
8
mA


Numéro de pièce similaire - TC58DVM92A1FT00

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC58DVM92A1FTI0 TOSHIBA-TC58DVM92A1FTI0 Datasheet
449Kb / 44P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

Description similaire - TC58DVM92A1FT00

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC55V11601FT-15 TOSHIBA-TC55V11601FT-15 Datasheet
343Kb / 8P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
logo
KIOXIA Corporation
TC58NYG2S0HBAI4 KIOXIA-TC58NYG2S0HBAI4 Datasheet
1Mb / 66P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG2S0HTA00 KIOXIA-TC58NVG2S0HTA00 Datasheet
540Kb / 66P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NYG1S3HBAI6 KIOXIA-TC58NYG1S3HBAI6 Datasheet
577Kb / 66P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58BVG0S3HBAI4 KIOXIA-TC58BVG0S3HBAI4 Datasheet
1Mb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58BVG0S3HBAI6 KIOXIA-TC58BVG0S3HBAI6 Datasheet
1Mb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58BYG0S3HBAI4 KIOXIA-TC58BYG0S3HBAI4 Datasheet
1Mb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58BYG1S3HBAI6 KIOXIA-TC58BYG1S3HBAI6 Datasheet
1Mb / 53P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG0S3HBAI6 KIOXIA-TC58NVG0S3HBAI6 Datasheet
499Kb / 52P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TH58NYG3S0HBAI6 KIOXIA-TH58NYG3S0HBAI6 Datasheet
1Mb / 67P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58BVG1S3HBAI4 KIOXIA-TC58BVG1S3HBAI4 Datasheet
1Mb / 53P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com