Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCT4351 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74HCT4351
Description  8-channel analog multiplexer/demultiplexer with latch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4351 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74HCT4351 Datasheet HTML 7Page - NXP Semiconductors 74HCT4351 Datasheet HTML 8Page - NXP Semiconductors 74HCT4351 Datasheet HTML 9Page - NXP Semiconductors 74HCT4351 Datasheet HTML 10Page - NXP Semiconductors 74HCT4351 Datasheet HTML 11Page - NXP Semiconductors 74HCT4351 Datasheet HTML 12Page - NXP Semiconductors 74HCT4351 Datasheet HTML 13Page - NXP Semiconductors 74HCT4351 Datasheet HTML 14Page - NXP Semiconductors 74HCT4351 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
December 1990
11
Philips Semiconductors
Product specification
8-channel analog multiplexer/demultiplexer
with latch
74HC/HCT4351
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
VEE
(V)
OTHER
+25
−40 to +85 −40 to +125
min. typ. max. min.
max.
min.
max.
tPHL/ tPLH
propagation delay
Vis to Vos
6
4
12
8
15
10
18
12
ns
4.5
4.5
0
−4.5
RL = ∞;
CL = 50 pF
(see Fig.17)
tPZH/ tPZL
turn “ON” time
E1 to Vos
40
31
75
60
94
75
113
90
ns
4.5
4.5
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Fig.18)
tPZH/ tPZL
turn “ON” time
E2 to Vos
35
26
70
50
88
63
105
75
ns
4.5
4.5
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Fig.18)
tPZH/ tPZL
turn “ON” time
LE to Vos
42
37
75
60
94
75
113
90
ns
4.5
4.5
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Fig.18)
tPZH/ tPZL
turn “ON” time
Sn to Vos
39
30
75
60
94
75
113
90
ns
4.5
4.5
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Fig.18)
tPHZ/ tPLZ
turn “OFF” time
E1 to Vos
27
20
55
40
69
50
83
60
ns
4.5
4.5
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Fig.18)
tPHZ/ tPLZ
turn “OFF” time
E2 to Vos
32
26
60
50
75
63
90
75
ns
4.5
4.5
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Fig.18)
tPHZ/ tPLZ
turn “OFF” time
LE to Vos
33
30
60
55
75
69
90
83
ns
4.5
4.5
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Fig.18)
tPHZ/ tPLZ
turn “OFF” time
Sn to Vos
33
29
65
55
81
69
98
83
ns
4.5
4.5
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Fig.18)
tsu
set-up time
Sn to LE
12
14
6
7
15
18
18
21
ns
4.5
4.5
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Fig.19)
th
hold time
Sn to LE
5
5
−1
−2
5
5
5
5
ns
4.5
4.5
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Fig.19)
tW
LE minimum
pulse width HIGH
25
25
13
13
31
31
38
38
ns
4.5
4.5
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Fig.19)


Numéro de pièce similaire - 74HCT4351

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HCT4351 NXP-74HCT4351 Datasheet
116Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Nexperia B.V. All right...
74HCT4351 NEXPERIA-74HCT4351 Datasheet
347Kb / 23P
   8-channel analog multiplexer/demultiplexer with latch
Rev. 4 - 4 August 2021
74HCT4351D NEXPERIA-74HCT4351D Datasheet
347Kb / 23P
   8-channel analog multiplexer/demultiplexer with latch
Rev. 4 - 4 August 2021
More results

Description similaire - 74HCT4351

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC4351D-T NXP-74HC4351D-T Datasheet
116Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
74HC_HCT4351_CNV PHILIPS-74HC_HCT4351_CNV_15 Datasheet
129Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Nexperia B.V. All right...
74HCT4351 NEXPERIA-74HCT4351 Datasheet
347Kb / 23P
   8-channel analog multiplexer/demultiplexer with latch
Rev. 4 - 4 August 2021
logo
STMicroelectronics
M74HC4351 STMICROELECTRONICS-M74HC4351 Datasheet
216Kb / 12P
   ANALOG MULTIPLEXER/DEMULTIPLEXER WITH ADDRESS LATCH : SINGLE 8 CHANNEL
logo
NXP Semiconductors
74HC4353 PHILIPS-74HC4353 Datasheet
136Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com