Moteur de recherche de fiches techniques de composants électroniques |
|
74HC4059D Fiches technique(PDF) 4 Page - NXP Semiconductors |
|
74HC4059D Fiches technique(HTML) 4 Page - NXP Semiconductors |
4 / 20 page 1998 Jul 08 4 Philips Semiconductors Product specification Programmable divide-by-n counter 74HC/HCT4059 QUICK REFERENCE DATA GND = 0 V; Tamb =25 °C; tr =tf = 6 ns Notes 1. CPD is used to determine the dynamic power dissipation (PD in µW): PD =CPD × VCC2 × fi +∑ (CL × VCC2 × fo) where: fi = input frequency in MHz fo = output frequency in MHz ∑ (CL × VCC2 × fo) = sum of outputs CL = output load capacitance in pF VCC = supply voltage in V 2. For HC the condition is VI = GND to VCC For HCT the condition is VI = GND to VCC − 1.5 V ORDERING INFORMATION SYMBOL PARAMETER CONDITIONS TYPICAL UNIT HC HCT tPHL/ tPLH propagation delay CP to Q CL = 15 pF; VCC = 5 V 1820ns fmax maximum clock frequency 40 40 MHz CI input capacitance 3.5 3.5 pF CPD power dissipation capacitance per package notes 1 and 2 30 32 pF TYPE NUMBER PACKAGE NAME DESCRIPTION VERSION 74HC4059N3; 74HCT4059N3 DIP24 plastic dual in-line package; 24 leads (300 mil) SOT222-1 74HC4059N; 74HCT4059N DIP24 plastic dual in-line package; 24 leads (600 mil) SOT101-1 74HC4059D; 74HCT4059D SO24 plastic small outline package; 24 leads; body width 7.5 mm SOT137-1 |
Numéro de pièce similaire - 74HC4059D |
|
Description similaire - 74HC4059D |