Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7993BRUZ-1REEL Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD7993BRUZ-1REEL
Description  4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7993BRUZ-1REEL Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD7993BRUZ-1REEL Datasheet HTML 6Page - Analog Devices AD7993BRUZ-1REEL Datasheet HTML 7Page - Analog Devices AD7993BRUZ-1REEL Datasheet HTML 8Page - Analog Devices AD7993BRUZ-1REEL Datasheet HTML 9Page - Analog Devices AD7993BRUZ-1REEL Datasheet HTML 10Page - Analog Devices AD7993BRUZ-1REEL Datasheet HTML 11Page - Analog Devices AD7993BRUZ-1REEL Datasheet HTML 12Page - Analog Devices AD7993BRUZ-1REEL Datasheet HTML 13Page - Analog Devices AD7993BRUZ-1REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD7993/AD7994
Rev. 0 | Page 10 of 32
PIN CONFIGURATION AND PIN FUNCTION DESCRIPTIONS
AD7993/
AD7994
TOP VIEW
1
2
3
4
13
14
15
16
SDA
SCL
VDD
AGND
VIN4
10
9
VIN2
5
(Not to Scale)
ALERT/BUSY
12
11
AS
AGND
REFIN
6
VIN1
7
VIN3
8
AGND
AGND
CONVST
AGND
Figure 3. 16-Lead TSSOP Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Function
1, 2, 3, 4, 16
AGND
Analog Ground. Ground reference point for all circuitry on the AD7993/AD7994. All analog input signals
should be referred to this AGND voltage.
5
VDD
Power Supply Input. The VDD range for the AD7993/AD7994 is from 2.7 V to 5.5 V.
6
REFIN
Voltage Reference Input. The external reference for the AD7993/AD7994 should be applied to this input pin.
The voltage range for the external reference is 1.2 V to VDD. A 0.1 µF and 1 µF capacitor should be placed
between REFIN and AGND. See Figure 22.
7
VIN1
Analog Input 1. Single-ended analog input channel. The input range is 0 V to REFIN.
8
VIN3
Analog Input 3. Single-ended analog input channel. The input range is 0 V to REFIN.
9
VIN4
Analog Input 4. Single-ended analog input channel. The input range is 0 V to REFIN.
10
VIN2
Analog Input 2. Single-ended analog input channel. The input range is 0 V to REFIN.
11
AS
Logic Input. Address select input that selects one of three I2C addresses for the AD7993/AD7994, as shown in
Table 6. The device address depends on the voltage applied to this pin.
12
CONVST
Logic Input Signal/Convert Start Signal. This is an edge-triggered logic input. The rising edge of this signal
powers up the part. The power-up time for the part is 1 µs. The falling edge of CONVST places the track/hold
into hold mode and initiates a conversion. A power-up time of at least 1 µs must be allowed for the CONVST
high pulse; otherwise, the conversion result is invalid (see the Modes of Operation section).
13
ALERT/BUSY
Digital Output, Selectable as an ALERT or BUSY Output Function. When configured as an ALERT, this pin acts
as an out-of-range indicator and, if enabled, becomes active when the conversion result violates the DATAHIGH
or DATALOW register values. See the Limit Registers section. When configured as a BUSY output, this pin
becomes active when a conversion is in progress. Open-drain output.
14
SDA
Digital I/O. Serial bus bidirectional data. Open-drain output. External pull-up resistor required.
15
SCL
Digital Input. Serial bus clock. External pull-up resistor required.
Table 6. I2C Address Selection
Part Number
AS Pin
I2C Address
AD7993-0
GND
010 0001
AD7993-0
VDD
010 0010
AD7993-1
GND
010 0011
AD7993-1
VDD
010 0100
AD7993-x1
Float
010 0000
AD7994-0
GND
010 0001
AD7994-0
VDD
010 0010
AD7994-1
GND
010 0011
AD7994-1
VDD
010 0100
AD7994-x
1
Float
010 0000
1 If the AS pin is left floating on any of the AD7993/AD7994 parts, the device address is 010 0000.


Numéro de pièce similaire - AD7993BRUZ-1REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7993BRU-0 AD-AD7993BRU-0 Datasheet
277Kb / 27P
   4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. PrF 09/03
AD7993BRU-1 AD-AD7993BRU-1 Datasheet
277Kb / 27P
   4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. PrF 09/03
More results

Description similaire - AD7993BRUZ-1REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7994 AD-AD7994 Datasheet
277Kb / 27P
   4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. PrF 09/03
AD7993 AD-AD7993_15 Datasheet
1Mb / 32P
   4-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 16-Lead TSSOP
REV. 0
AD7994 AD-AD7994_15 Datasheet
1Mb / 32P
   4-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 16-Lead TSSOP
REV. 0
AD7998 AD-AD7998_15 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
REV. 0
AD7997 AD-AD7997_15 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
REV. 0
AD7914 AD-AD7914_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924 AD-AD7924_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904 Datasheet
411Kb / 24P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. 0
AD7924BRUZ AD-AD7924BRUZ Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com