Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS431A Fiches technique(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS431A
Description  Adjustable Precision Shunt Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431A Fiches technique(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS431A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS431A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS431A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS431A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS431A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS431A Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS431/A/B
3-8
2003/12 rev. B
Electrical Characteristics (continued) (Ta=25 oC, unless otherwise specified.)
Note 4. Deviation of reference input voltage, VDEV, is defined as the maximum deviation of the reference over the full
temperature range.
The average temperature coefficient of the reference input voltage αVref is defined as:
| αVref | = [ VDEV / Vref(25 oC) ] * 106 / T2 – T1…………………….. (PPM/ oC)
Where:
T2-T1 = full temperature change.
αVref can be positive or negative depending on whether the slope is positive or negative.
Example: Maximum Vref=2.496V at 30
oC, minimum Vref=2.492V at 0oC, Vref=2.495V at 25oC, ∆T=70 oC
| αVref | = [ 4mV / 2495mV ] * 106 / 70oC ≈ 23ppm/oC
Note 5. The dynamic output impedance, Rz, is defined as:
| Zka | = ∆Vka / ∆Ika
When the device is programmed with two external resistors R1and R2 (see Figure 2). The dynamic output
impedance of the overall circuit, is defined as :
| Zka | = ∆v / ∆i | ≈ Zka | * ( 1 + R1 / R2)
Test Circuits


Numéro de pièce similaire - TS431A

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS431ACS-RLG TSC-TS431ACS-RLG Datasheet
4Mb / 13P
   2.495V Programmable Shunt Voltage Reference
TS431ACT-A3G TSC-TS431ACT-A3G Datasheet
4Mb / 13P
   2.495V Programmable Shunt Voltage Reference
TS431ACT-B0G TSC-TS431ACT-B0G Datasheet
4Mb / 13P
   2.495V Programmable Shunt Voltage Reference
TS431ACTA3 TSC-TS431ACTA3 Datasheet
466Kb / 13P
   Adjustable Precision Shunt Regulator
TS431ACTA3G TSC-TS431ACTA3G Datasheet
466Kb / 13P
   Adjustable Precision Shunt Regulator
More results

Description similaire - TS431A

FabricantNo de pièceFiches techniqueDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com