Moteur de recherche de fiches techniques de composants électroniques |
|
74HCT377DB Fiches technique(PDF) 4 Page - NXP Semiconductors |
|
74HCT377DB Fiches technique(HTML) 4 Page - NXP Semiconductors |
4 / 7 page December 1990 4 Philips Semiconductors Product specification Octal D-type flip-flop with data enable; positive-edge trigger 74HC/HCT377 Fig.4 Functional diagram. FUNCTION TABLE Notes 1. H = HIGH voltage level h = HIGH voltage level one set-up time prior to the LOW-to-HIGH CP transition L = LOW voltage level I = LOW voltage level one set-up time prior to the LOW-to-HIGH CP transition ↑ = LOW-to-HIGH CP transition X = don’t care OPERATING MODES INPUTS OUTPUTS CP EDn Qn load “1” ↑ lh H load “0” ↑ ll L hold (do nothing) ↑ X h H X X no change no change Fig.5 Logic diagram. |
Numéro de pièce similaire - 74HCT377DB |
|
Description similaire - 74HCT377DB |