Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCT40103 Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce 74HCT40103
Description  8-bit synchronous binary down counter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT40103 Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT40103 Datasheet HTML 6Page - NXP Semiconductors 74HCT40103 Datasheet HTML 7Page - NXP Semiconductors 74HCT40103 Datasheet HTML 8Page - NXP Semiconductors 74HCT40103 Datasheet HTML 9Page - NXP Semiconductors 74HCT40103 Datasheet HTML 10Page - NXP Semiconductors 74HCT40103 Datasheet HTML 11Page - NXP Semiconductors 74HCT40103 Datasheet HTML 12Page - NXP Semiconductors 74HCT40103 Datasheet HTML 13Page - NXP Semiconductors 74HCT40103 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
1998 Jul 08
10
Philips Semiconductors
Product specification
8-bit synchronous binary down counter
74HC/HCT40103
AC WAVEFORMS
Fig.7
Waveforms showing the clock input (CP) to
TC propagation delays, the clock pulse width,
the output transition times and the maximum
clock pulse frequency.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.8
Waveforms showing the TE to TC
propagation delays.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.9
Waveforms showing PL, MR, Pn to TC
propagation delays.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.10 Waveforms showing removal time for
MR and PL.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.11 Waveforms showing hold and set-up times for
MR or PE to CP.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.12 Waveforms showing hold and set-up times
for Pn, PE to CP.
The shaded areas indicate when the input is permitted to change
for predictable output performance.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.


Numéro de pièce similaire - 74HCT40103

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Circuit Syst...
74HCT40103 ICST-74HCT40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
74HCT40103D ICST-74HCT40103D Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
74HCT40103DB ICST-74HCT40103DB Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
74HCT40103N ICST-74HCT40103N Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
More results

Description similaire - 74HCT40103

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Circuit Syst...
74HCT40103 ICST-74HCT40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
logo
NXP Semiconductors
74HC40103DB PHILIPS-74HC40103DB Datasheet
144Kb / 25P
   8-bit synchronous binary down counter
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC40103 NEXPERIA-74HC40103 Datasheet
836Kb / 23P
   8-bit synchronous binary down counter
Rev. 5 - 21 April 2016
logo
ON Semiconductor
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
logo
SEMTECH ELECTRONICS LTD...
100E016 SEMTECH_ELEC-100E016 Datasheet
180Kb / 9P
   8-Bit Synchronous Binary Up Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Micrel Semiconductor
SY10E016 MICREL-SY10E016 Datasheet
102Kb / 10P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
logo
Texas Instruments
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
Fairchild Semiconductor
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com