Moteur de recherche de fiches techniques de composants électroniques |
|
74AUP1G06GW Fiches technique(PDF) 8 Page - NXP Semiconductors |
|
74AUP1G06GW Fiches technique(HTML) 8 Page - NXP Semiconductors |
8 / 15 page 74AUP1G06_2 © Koninklijke Philips Electronics N.V. 2006. All rights reserved. Product data sheet Rev. 02 — 24 August 2006 8 of 15 Philips Semiconductors 74AUP1G06 Low-power inverter with open-drain output [1] All typical values are measured at nominal VCC. [2] tpd is the same as tPZL and tPLZ. [3] CPD is used to determine the dynamic power dissipation (PD in µW). PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; Σ(C L × VCC 2 × f o) = sum of the outputs. 12. Waveforms CL = 5 pF, 10 pF, 15 pF and 30 pF CPD power dissipation capacitance fi = 1 MHz; VI = GND to VCC [3] VCC = 0.8 V - 0.5 - - - - pF VCC = 1.1 V to 1.3 V - 0.6 - - - - pF VCC = 1.4 V to 1.6 V - 0.7 - - - - pF VCC = 1.65 V to 1.95 V - 0.7 - - - - pF VCC = 2.3 V to 2.7 V - 1.0 - - - - pF VCC = 3.0 V to 3.6 V - 1.2 - - - - pF Table 8. Dynamic characteristics …continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8. Symbol Parameter Conditions 25 °C −40 °C to +125 °C Unit Min Typ[1] Max Min Max (85 °C) Max (125 °C) Measurement points are given in Table 9. Logic level: VOL is the typical output voltage drop that occur with the output load. Fig 7. The data input (A) to output (Y) propagation delays mna621 tPLZ VX Y output A input VI VCC VM VOL GND tPZL VM Table 9. Measurement points Supply voltage Input Output VCC VM VM VX 0.8 V to 1.6 V 0.5 × V CC 0.5 × V CC VOL + 0.1 V 1.65 V to 2.7 V 0.5 × VCC 0.5 × V CC VOL + 0.15 V 3.0 V to 3.6 V 0.5 × VCC 0.5 × V CC VOL + 0.3 V |
Numéro de pièce similaire - 74AUP1G06GW |
|
Description similaire - 74AUP1G06GW |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |