Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK4853 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce STK4853
Description  2-CHANNEL 10 TO 50W MIN AF POWER AMP.(DUAL-SUPPLY)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

STK4853 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  STK4853 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Numéro de pièce similaire - STK4853

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK4803 SANYO-STK4803 Datasheet
162Kb / 3P
   20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK4833 SANYO-STK4833 Datasheet
160Kb / 3P
   STK4833
STK4843 SANYO-STK4843 Datasheet
110Kb / 2P
   STK4843
logo
List of Unclassifed Man...
STK4863 ETC-STK4863 Datasheet
125Kb / 2P
   2CHANNEL 35W POWER AMPLIFIER
logo
Sanyo Semicon Device
STK4873 SANYO-STK4873 Datasheet
190Kb / 4P
   THICK FILM HYBRID INTEQRATED CIRCUIT 35W MIN 2-CHANNEL AF POWER AMP(DUAL SUPPLY)
More results

Description similaire - STK4853

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK4101V SANYO-STK4101V Datasheet
119Kb / 1P
   2-CHANNEL 6W MIN TO 50W MIN AF POWER AMP (DUAL-SUPPLY)
STK4913 SANYO-STK4913 Datasheet
156Kb / 2P
   Thick Film Hybid Circuit 2-Channel 50W Min AF Power Amp(Dual-Supply)
STK8250 SANYO-STK8250 Datasheet
68Kb / 2P
   50W MIN AF POWER AMP
STK463 SANYO-STK463 Datasheet
46Kb / 1P
   2 POWER 2 CHANNEL 10 to 30W min AF POWER AMP
STK405-090 SANYO-STK405-090 Datasheet
153Kb / 6P
   2ch AF Power Amplifier (Split Power Supply) 50W 50W min, THD =10%??????????
STK4192II SANYO-STK4192II Datasheet
253Kb / 8P
   AF Power Amplifier (Split Power Supply) (50W 50W min, THD = 0.4%)
logo
List of Unclassifed Man...
STK2155 ETC-STK2155 Datasheet
84Kb / 2P
   2 CHANNEL 50W MIN AF POWER AMPLIFIER OUTPUT STAGE
logo
Sanyo Semicon Device
STK4191V SANYO-STK4191V Datasheet
375Kb / 5P
   AF Power Amplifier (Split Power Supply) (50W 50W min, THD = 0.08%)
logo
NTE Electronics
NTE1317 NTE-NTE1317 Datasheet
23Kb / 2P
   Integrated Circuit Module, 2 Power, 2 Channel, AF Power Amplifier, 50W Min.
logo
Sanyo Semicon Device
STK4036II SANYO-STK4036II Datasheet
69Kb / 3P
   AF Power Amplifier (Split Power Supply) (50W min, THD = 0.4%)
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com