Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD16781 Fiches technique(PDF) 9 Page - NEC

No de pièce UPD16781
Description  480 OUTPUT TFT-LCD SOURCE DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD16781 Fiches technique(HTML) 9 Page - NEC

Back Button UPD16781 Datasheet HTML 5Page - NEC UPD16781 Datasheet HTML 6Page - NEC UPD16781 Datasheet HTML 7Page - NEC UPD16781 Datasheet HTML 8Page - NEC UPD16781 Datasheet HTML 9Page - NEC UPD16781 Datasheet HTML 10Page - NEC UPD16781 Datasheet HTML 11Page - NEC UPD16781 Datasheet HTML 12Page - NEC UPD16781 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DataSheet S14634EJ1V0DS
9
µµµµ PD16781
7. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = +25
°°°°C, VSS1 =VSS2 = 0 V)
Parameter
Symbol
Rating
Unit
Logic Part Supply Voltage
VDD1
−0.3 to +7.0
V
Driver Part Supply Voltage
VDD2
−0.3 to +7.0
V
Input Voltage
VI
−0.3 to VDD1/2 + 0.3
V
Output Voltage
VO
−0.3 to VDD1/2 + 0.3
V
Operating Ambient Temperature
TA
−30 to +85
°C
Storage Temperature
Tstg
−55 to +125
°C
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge
of suffering physical damage, and therefore the product must be used under conditions that ensure
that the absolute maximum ratings are not exceeded.
Recommended Operating Range (TA =
−−−−30 to +85
°°°°C, VDD2 ≥≥≥≥ VDD1, VSS1 = VSS2 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Logic Part Supply Voltage
VDD1
3.0
5.5
V
Driver Part Supply Voltage
VDD2
4.5
5.0
5.5
V
Video Input Voltage
VVI
VSS2 + 0.2
VDD2
− 0.2
V
Driver Part Output Voltage
VO2
VSS2 + 0.2
VDD2
− 0.2
V
Clock Frequency
fCLK
CLK1 to CLK3
20
MHz
Output Load Capacitance
CL
1 output
50
pF


Numéro de pièce similaire - UPD16781

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
UPD16781 RENESAS-UPD16781 Datasheet
236Kb / 18P
   MOS INTEGRATED CIRCUIT
1999
UPD16781N RENESAS-UPD16781N Datasheet
236Kb / 18P
   MOS INTEGRATED CIRCUIT
1999
More results

Description similaire - UPD16781

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
PD16781 RENESAS-PD16781_15 Datasheet
237Kb / 18P
   480 OUTPUT TFT-LCD SOURCE DRIVER
logo
NEC
UPD160083 NEC-UPD160083 Datasheet
240Kb / 22P
   480-OUTPUT TFT-LCD SOURCE DRIVER
logo
Samsung semiconductor
S6C0676 SAMSUNG-S6C0676 Datasheet
188Kb / 19P
   6 BIT 480 CHANNEL TFT-LCD SOURCE DRIVER
logo
NEC
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061 NEC-UPD160061 Datasheet
230Kb / 18P
   384-OUTPUT TFT-LCD SOURCE DRIVER
logo
Samsung semiconductor
KS0676 SAMSUNG-KS0676 Datasheet
188Kb / 19P
   6 BIT 480 CHANNEL TFT-LCD SOURCE DRIVER
logo
NEC
UPD160062 NEC-UPD160062 Datasheet
217Kb / 18P
   420-OUTPUT TFT-LCD SOURCE DRIVER
UPD16635 NEC-UPD16635 Datasheet
136Kb / 19P
   240-OUTPUT TFT-LCD SOURCE DRIVER
UPD161830 NEC-UPD161830 Datasheet
232Kb / 23P
   240-OUTPUT TFT-LCD SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com