Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC259N Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce 74HC259N
Description  8-bit addressable latch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC259N Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button 74HC259N Datasheet HTML 3Page - NXP Semiconductors 74HC259N Datasheet HTML 4Page - NXP Semiconductors 74HC259N Datasheet HTML 5Page - NXP Semiconductors 74HC259N Datasheet HTML 6Page - NXP Semiconductors 74HC259N Datasheet HTML 7Page - NXP Semiconductors 74HC259N Datasheet HTML 8Page - NXP Semiconductors 74HC259N Datasheet HTML 9Page - NXP Semiconductors 74HC259N Datasheet HTML 10Page - NXP Semiconductors 74HC259N Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
December 1990
9
Philips Semiconductors
Product specification
8-bit addressable latch
74HC/HCT259
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 TO +85 −40 TO +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
D to Qn
23
39
49
59
ns
4.5
Fig.7
tPHL/ tPLH
propagation delay
An to Qn
25
41
51
62
ns
4.5
Fig.8
tPHL/ tPLH
propagation delay
LE to Qn
22
38
48
57
ns
4.5
Fig.6
tPHL
propagation delay
MR to Qn
23
39
49
59
ns
4.5
Fig.9
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Figs 6 and 7
tW
LE pulse width
LOW
19
11
24
29
ns
4.5
Fig.6
tW
MR pulse width
LOW
18
10
23
27
ns
4.5
Fig.9
tsu
set-up time
D to LE
17
10
21
26
ns
4.5
Fig.10
tsu
set-up time
An to LE
17
10
21
26
ns
4.5
Fig.11
th
hold time
D to LE
0
−8
0
0
ns
4.5
Fig.10
th
hold time
An to LE
0
−4
0
0
ns
4.5
Fig.11


Numéro de pièce similaire - 74HC259N

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC259N NXP-74HC259N Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
74HC259N NXP-74HC259N Datasheet
174Kb / 23P
   8-bit addressable latch
Rev. 5-7 August 2012
More results

Description similaire - 74HC259N

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com