Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14521B Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce MC14521B
Description  24-Stage Frequency Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14521B Fiches technique(HTML) 3 Page - Motorola, Inc

  MC14521B Datasheet HTML 1Page - Motorola, Inc MC14521B Datasheet HTML 2Page - Motorola, Inc MC14521B Datasheet HTML 3Page - Motorola, Inc MC14521B Datasheet HTML 4Page - Motorola, Inc MC14521B Datasheet HTML 5Page - Motorola, Inc MC14521B Datasheet HTML 6Page - Motorola, Inc MC14521B Datasheet HTML 7Page - Motorola, Inc MC14521B Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MOTOROLA CMOS LOGIC DATA
3
MC14521B
SWITCHING CHARACTERISTICS* (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ #
Max
Unit
Output Rise and Fall Time (Counter Outputs)
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 12.5 ns
tTLH, tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
Clock to Q18
tPHL, tPLH = (1.7 ns/pF) CL + 4415 ns
tPHL, tPLH = (0.66 ns/pF) CL + 1667 ns
tPHL, tPLH = (0.5 ns/pF) CL + 1275 ns
tPHL, tPLH
5.0
10
15
4.5
1.7
1.3
9.0
3.5
2.7
µs
Clock to Q24
tPHL, tPLH = (1.7 ns/pF) CL + 5915 ns
tPHL, tPLH = (0.66 ns/pF) CL + 2167 ns
tPHL, tPLH = (0.5 ns/pF) CL + 1675 ns
5.0
10
15
6.0
2.2
1.7
12
4.5
3.5
Propagation Delay Time
Reset to Qn
tPHL = (1.7 ns/pF) CL + 1215 ns
tPHL = (0.66 ns/pF) CL + 467 ns
tPHL = (0.5 ns/pF) CL + 350 ns
tPHL
5.0
10
15
1300
500
375
2600
1000
750
ns
Clock Pulse Width
tWH(cl)
5.0
10
15
385
150
120
140
55
40
ns
Clock Pulse Frequency
fcl
5.0
10
15
3.5
9.0
12
2.0
5.0
6.5
MHz
Clock Rise and Fall Time
tTLH, tTHL
5.0
10
15
15
5.0
4.0
µs
Reset Pulse Width
tWH(R)
5.0
10
15
1400
600
450
700
300
225
ns
Reset Removal Time
trem
5.0
10
15
30
0
– 40
– 200
– 160
– 110
ns
* The formulas given are for the typical characteristics only at 25
_C.
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Power Dissipation Test Circuit and Waveform
PULSE
GENERATOR
VDD
VDD
VDD
VSS
VSS
Q18
Q19
Q20
Q21
Q22
Q23
Q24
CL
CL
CL
CL
CL
CL
CL
ID
IN 2
R
500
µF
0.01
µF
CERAMIC
20 ns
20 ns
VDD
0 V
Vin
50% DUTY CYCLE
90%
10%
50%


Numéro de pièce similaire - MC14521B

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
219Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
MC14521B ONSEMI-MC14521B Datasheet
119Kb / 9P
   24?뭆tage Frequency Divider
June, 2006 ??Rev. 6
MC14521B ONSEMI-MC14521B Datasheet
188Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
MC14521BCP ONSEMI-MC14521BCP Datasheet
219Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
MC14521BCP ONSEMI-MC14521BCP Datasheet
119Kb / 9P
   24?뭆tage Frequency Divider
June, 2006 ??Rev. 6
More results

Description similaire - MC14521B

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
188Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
MC14521B ONSEMI-MC14521B Datasheet
219Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
STMicroelectronics
HCF4521B STMICROELECTRONICS-HCF4521B Datasheet
102Kb / 12P
   24 STAGE FREQUENCY DIVIDER
logo
Toshiba Semiconductor
TC4521BP TOSHIBA-TC4521BP_07 Datasheet
396Kb / 9P
   24-Stage Frequency Divider
logo
Hitachi Semiconductor
HD14521B HITACHI-HD14521B Datasheet
97Kb / 6P
   24-Stage Frequency Divider
logo
Texas Instruments
CD4521BE TI-CD4521BE Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-Stage Frequency Divider
CD4521B TI-CD4521B Datasheet
282Kb / 8P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
CD4521B TI-CD4521B_15 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
logo
Nexperia B.V. All right...
HEF4521B NEXPERIA-HEF4521B_V01 Datasheet
266Kb / 15P
   24-stage frequency divider and oscillator
3 December 2021
logo
NXP Semiconductors
HEF4521B NXP-HEF4521B_09 Datasheet
114Kb / 17P
   24-stage frequency divider and oscillator
Rev. 05-5 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com