Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMP1321-004LF Fiches technique(PDF) 3 Page - Skyworks Solutions Inc.

No de pièce SMP1321-004LF
Description  Low Capacitance Plastic Packaged PIN Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1321-004LF Fiches technique(HTML) 3 Page - Skyworks Solutions Inc.

  SMP1321-004LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1321-004LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1321-004LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1321-004LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1321-004LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1321-004LF Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DATA SHEET • SMP1321 SERIES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200048 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • October 25, 2004
3
Series Resistance vs. Current @ 100 MHz
0.01
0.1
1
10
100
Forward Current (mA)
0.1
1
10
100
0
1
2
5
10
20
50
Capacitance vs. Reverse Voltage
0
0.2
0.1
0.4
0.6
0.5
0.3
0.8
0.7
Reverse Voltage (V)
1 MHz–1 GHz
400
500
600
700
800
900
1000
DC Characteristic
0.01
0.1
1
10
100
Forward Voltage (mV)
0
500
1000
1500
2000
Conductance vs. Frequency and Reverse Voltage
Frequency (MHz)
0 V
10 V
40 V
0
100
200
300
400
500
600
700
800
Typical Performance Data
RR
R
R
R
IF
-55 °C
-15 °C
+25 °C
+65 °C
+100 °C
(mA)
(
Ω)(Ω
Ω)(Ω
Ω)(Ω
Ω)(Ω
Ω)
0.02
47.400
50.000
56.300
61.500
65.100
0.10
12.000
12.600
13.900
15.400
16.400
0.30
5.200
5.400
5.800
6.400
6.900
0.50
3.600
3.800
4.100
4.500
4.800
1.00
2.400
2.500
2.600
2.800
3.100
10.00
1.030
1.040
1.040
1.070
1.150
20.00
0.871
0.888
0.873
0.889
0.956
100.00
0.669
0.659
0.642
0.645
0.695
Resistance vs. Temperature @ 500 MHz
SMP1321-007
In the -007 configuration of the SOT-23 package, the package
inductance is effectively reduced to 0.4 nH, in comparison to the
1.5 nH value of the standard configuration. This lower inductance
will be particularly beneficial when the diodes are used as shunt
connected switches at frequencies higher than 500 MHz, where
inductance is the primary limitation on maximum switch isolation.
To achieve the effective 0.4 nH, the SOT-23 package must
be inserted in the microstrip circuit board with a gap in the
trace, as shown in the figure. Because of the polarity of the
diode junction, this low
inductance feature is only
realizable with the cathode
connected to ground.
Ground
Gap


Numéro de pièce similaire - SMP1321-004LF

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SMP1321-003 SKYWORKS-SMP1321-003 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321-003LF SKYWORKS-SMP1321-003LF Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321-005 SKYWORKS-SMP1321-005 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321-005LF SKYWORKS-SMP1321-005LF Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321-007 SKYWORKS-SMP1321-007 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
More results

Description similaire - SMP1321-004LF

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1321 ALPHA-SMP1321 Datasheet
482Kb / 3P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMP1320 SKYWORKS-SMP1320_15 Datasheet
842Kb / 9P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SOT-23-1 ALPHA-SOT-23-1 Datasheet
483Kb / 3P
   Low Resistance Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1345 SKYWORKS-SMP1345 Datasheet
168Kb / 6P
   Very Low Capacitance Plastic Packaged Silicon PIN Diodes
SMP1345 SKYWORKS-SMP1345_15 Datasheet
910Kb / 8P
   Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
SMP1340 SKYWORKS-SMP1340 Datasheet
407Kb / 5P
   Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1340 ALPHA-SMP1340 Datasheet
34Kb / 3P
   Fast Switching Speed, Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com