Moteur de recherche de fiches techniques de composants électroniques |
|
SMP1321 Fiches technique(PDF) 3 Page - Skyworks Solutions Inc. |
|
SMP1321 Fiches technique(HTML) 3 Page - Skyworks Solutions Inc. |
3 / 6 page DATA SHEET • SMP1321 SERIES Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com 200048 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • October 25, 2004 3 Series Resistance vs. Current @ 100 MHz 0.01 0.1 1 10 100 Forward Current (mA) 0.1 1 10 100 0 1 2 5 10 20 50 Capacitance vs. Reverse Voltage 0 0.2 0.1 0.4 0.6 0.5 0.3 0.8 0.7 Reverse Voltage (V) 1 MHz–1 GHz 400 500 600 700 800 900 1000 DC Characteristic 0.01 0.1 1 10 100 Forward Voltage (mV) 0 500 1000 1500 2000 Conductance vs. Frequency and Reverse Voltage Frequency (MHz) 0 V 10 V 40 V 0 100 200 300 400 500 600 700 800 Typical Performance Data RR R R R IF -55 °C -15 °C +25 °C +65 °C +100 °C (mA) ( Ω Ω)(Ω Ω)(Ω Ω)(Ω Ω)(Ω Ω) 0.02 47.400 50.000 56.300 61.500 65.100 0.10 12.000 12.600 13.900 15.400 16.400 0.30 5.200 5.400 5.800 6.400 6.900 0.50 3.600 3.800 4.100 4.500 4.800 1.00 2.400 2.500 2.600 2.800 3.100 10.00 1.030 1.040 1.040 1.070 1.150 20.00 0.871 0.888 0.873 0.889 0.956 100.00 0.669 0.659 0.642 0.645 0.695 Resistance vs. Temperature @ 500 MHz SMP1321-007 In the -007 configuration of the SOT-23 package, the package inductance is effectively reduced to 0.4 nH, in comparison to the 1.5 nH value of the standard configuration. This lower inductance will be particularly beneficial when the diodes are used as shunt connected switches at frequencies higher than 500 MHz, where inductance is the primary limitation on maximum switch isolation. To achieve the effective 0.4 nH, the SOT-23 package must be inserted in the microstrip circuit board with a gap in the trace, as shown in the figure. Because of the polarity of the diode junction, this low inductance feature is only realizable with the cathode connected to ground. Ground Gap |
Numéro de pièce similaire - SMP1321 |
|
Description similaire - SMP1321 |