Moteur de recherche de fiches techniques de composants électroniques |
|
74HC163 Fiches technique(PDF) 8 Page - NXP Semiconductors |
|
74HC163 Fiches technique(HTML) 8 Page - NXP Semiconductors |
8 / 11 page December 1990 8 Philips Semiconductors Product specification Presettable synchronous 4-bit binary counter; synchronous reset 74HC/HCT163 DC CHARACTERISTICS FOR 74HCT For the DC characteristics see “74HC/HCT/HCU/HCMOS Logic Family Specifications”. Output capability: standard ICC category: MSI Note to HCT types The value of additional quiescent supply current ( ∆ICC) for a unit load of 1 is given in the family specifications. To determine ∆ICC per input, multiply this value by the unit load coefficient shown in the table below. INPUT UNIT LOAD COEFFICIENT MR 0.95 CP 1.10 CEP 0.25 Dn 0.25 CET 0.75 PE 0.30 |
Numéro de pièce similaire - 74HC163 |
|
Description similaire - 74HC163 |