Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM6635 Fiches technique(PDF) 1 Page - EM Microelectronic - MARIN SA

No de pièce EM6635
Description  Low Power Microcontroller with RC and 32kHz oscillators and 9 high drive outputs
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMMICRO [EM Microelectronic - MARIN SA]
Site Internet  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6635 Fiches technique(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM6635 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6635 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6635 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6635 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6635 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6635 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6635 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6635 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6635 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
EM6635
03/03 REV. B
Copyright
 2002, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
Low Power Microcontroller with RC and 32kHz oscillators
and 9 high drive outputs
Features
32’768Hz crystal oscillator
500kHz RC Oscillator (no external component)
External clock (metal option)
9 High drive outputs: up to 20mA
Melody generator with 255 programmable
frequencies
True Low Power:
1.5uA active mode
0.4uA halt mode
@ 1.55V, 32kHz, 25°C
Low Supply Voltage 1.2V to 3.6V
Max. 14 Inputs with selectable debouncers; Port P1,
P2, P6, P70, P71
Max. 15 outputs (9 I/O High drive outputs); Port P3,
P4, P6, P70, P71, P72
Mask ROM 4096 x 16bits
RAM 256 x 4bits
2 clocks per instruction cycle
72 basic instructions
2 outputs; Reset OUT, Buzzer OUT
2 timers 8bits
2 x 4 bits BCD counters
Event counter 3bits
Prescaler down to 1Hz (crystal =32kHz), readable by
CPU in 2 ranges
Serial Port as selectable configuration of Port 5
18 Interrupts: 12 internal, 6 external
Voltage Level Detector, 3 levels software selectab
le
Die form and MLF2, 40 pin (Micro Lead Frame)
package
Description
The EM6635 is a low voltage, low power microcontroller
containing 9 integrated high-drive outputs able to provide
up to 20mA. It is ideal for use in applications in which one
must drive devices such as motor drivers, small stepping
motors, LEDs, triacs, external EEPROM or other ICs in
the system.
EM6635 has both a 32kHz crystal oscillator and a
500kHz RC oscillator without external component, as well
as an external clock to be driven up to 4MHz.
The CPU operating clock can be switched from crystal to
RC oscillator for high-speed operation.
It
has
a
frequency/melody
generator
with
255
programmable frequencies for quality buzzer.
The EM6635 contains the equivalent of 8kB mask ROM
and the RAM has a capacity of 256x4 bits.
It also has a power-on reset, watchdog timer, 2 timers
8bits, 2 BCD counters, 3bits event counter, 4 wire serial
port 8bits and several clock functions.
Figure 1. Architecture
Crystal
Oscillator
32kHz
RC Oscillator
500kHz
External
clock
R A M
256 x 4Bits
R O M
4096 x 16Bits
Power Supply
Voltage reg.
Watch Dog
timer
Frequency
Generator
B C D
Counter
Timer 1
Timer 2
Core
EM6600
VLD 3levels
Frequency
Doubler
or
Interrupt
Controller
Reset
Logic
Port 6
0 1 2 3
Port 1
0 1 2 3
Port 7
0 1 2 3
Port 5
0 1 2 3
Port 4
0 1 2 3
Port 3
0 1 2 3
Port 2
0 1 2 3
Serial or
parallel port
2 : High Drive Output
3 : Buzzer out
High Drive Output
Figure 2. Typical application
Stepping Motors
P72
P3
P4
P5
V
P1
P2
SIO
VSS
VRR
QOUT
BZ
P6
P70,P71
Reset Out
EM6635
PI E Z O
32kHz Xtal
BAT
+VBAT
C VRR
CENV
QIN
Reset IN
+VBAT
Applications
Watch & clock
Timer / sports timing devices
Security / industrial
Toys
Sensor interface
EM MICROELECTRONIC - MARIN SA


Numéro de pièce similaire - EM6635

FabricantNo de pièceFiches techniqueDescription
logo
EM Microelectronic - MA...
EM6603 EMMICRO-EM6603 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
EM6603WP11 EMMICRO-EM6603WP11 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
EM6603WP27 EMMICRO-EM6603WP27 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
EM6603WS11 EMMICRO-EM6603WS11 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
EM6603WS27 EMMICRO-EM6603WS27 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
More results

Description similaire - EM6635

FabricantNo de pièceFiches techniqueDescription
logo
EM Microelectronic - MA...
EM6640 EMMICRO-EM6640 Datasheet
610Kb / 62P
   Low Power Microcontroller with EEPROM AND RC Oscillator
logo
Infineon Technologies A...
IKD04N60RF INFINEON-IKD04N60RF Datasheet
368Kb / 2P
   RC-Drive and RC-Drive Fast
09 / 2012
logo
EM Microelectronic - MA...
EM6607 EMMICRO-EM6607 Datasheet
801Kb / 47P
   Ultra-low power microcontroller with 4 high drive outputs
EM6605 EMMICRO-EM6605 Datasheet
662Kb / 43P
   Low Power Microcontroller with 300kHz RC Oscillator
EM6617 EMMICRO-EM6617 Datasheet
694Kb / 65P
   Ultra Low Power Microcontroller with ADC AND EEPROM
logo
STMicroelectronics
STEVAL-IAS003V1 STMICROELECTRONICS-STEVAL-IAS003V1 Datasheet
92Kb / 4P
   Counter with STM8L101xx low-power microcontroller and LCD
logo
TRIAD MAGNETICS
RC-9 TRIAD-RC-9 Datasheet
50Kb / 1P
   RC-9
logo
Motorola, Inc
MC68HC05D9 MOTOROLA-MC68HC05D9 Datasheet
328Kb / 8P
   8-bit microcomputer with PWM outputs and LED drive
logo
STMicroelectronics
BFX73-2N918 STMICROELECTRONICS-BFX73-2N918 Datasheet
115Kb / 5P
   HIGH-FREQUENCY OSCILLATORS AND AMPLIFIERS
logo
Power Integrations, Inc...
INT100 POWERINT-INT100 Datasheet
94Kb / 12P
   Low-Side and High-side Drive with Simultaneous Conduction Lockout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com