Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WV3HG264M72EEU665D7IMG Fiches technique(PDF) 9 Page - White Electronic Designs Corporation

No de pièce WV3HG264M72EEU665D7IMG
Description  1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEDC [White Electronic Designs Corporation]
Site Internet  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG264M72EEU665D7IMG Fiches technique(HTML) 9 Page - White Electronic Designs Corporation

Back Button WV3HG264M72EEU665D7IMG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG264M72EEU665D7IMG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG264M72EEU665D7IMG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG264M72EEU665D7IMG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG264M72EEU665D7IMG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG264M72EEU665D7IMG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG264M72EEU665D7IMG Datasheet HTML 9Page - White Electronic Designs Corporation WV3HG264M72EEU665D7IMG Datasheet HTML 10Page - White Electronic Designs Corporation WV3HG264M72EEU665D7IMG Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
WV3HG264M72EEU-D7
May 2006
Rev. 0
ADVANCED
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
3.3 (0.130)
TYP
82.15 (3.234)
81.15 (3.222)
FRONT VIEW
30.15 (1.187)
29.85 (1.175)
20.0 (0.787)
TYP
10.0 (0.394)
TYP
1.0 (0.039)
TYP
4.10 (0.161)
3.90 (0.154)
2.10 (0.083)
1.90 (0.075)
0.50 (0.02) R
1.80 (0.071) D
X2
6.0 (0.236)
TYP
2.0 (0.079)
TYP
78.0 (3.071)
TYP
PIN 1
PIN 122
42.90 (1.689)
TYP
BACK VIEW
3.6 (0.142) TYP
Detail A
Detail B
33.6 (1.323)
TYP
38.4 (1.512)
TYP
3.2 (0.126)
TYP
PIN 244
PIN 123
Tolerances: + /- 0.13 (0.005) unless otherwise specified.
Detail A
3.60 (0.142)
FULL R
3.80 ±0.10
(0.150 ±0.004)
1.30
(0.051)
1.00 ±0.05
(0.039 ±0.002)
2.55 (0.100)
Detail B
0.45±0.03
(0.018 ±0.001)
0.60 TYP
(0.024)TYP
0.25
(0.010) MAX
3.80 (0.150)
MAX
1.10 (0.043) MAX
PACKAGE DIMENSIONS FOR D7
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
ORDERING INFORMATION FOR D7
Part Number
Clock Speed/
Data Rate
CAS Latency
tRCD
tRP
Height*
WV3HG264M72EEU806D7xxG**
400MHz/800Mb/s
6
6
6
30.00mm (1.181") TYP
WV3HG264M72EEU665D7xxG**
333MHz/667Mb/s
5
5
5
30.00mm (1.181") TYP
WV3HG264M72EEU534D7xxG
266MHz/533Mb/s
4
4
4
30.00mm (1.181") TYP
WV3HG264M72EEU403D7xG
200MHz/400Mb/s
3
3
3
30.00mm (1.181") TYP
** Contact factory for availability.
NOTES:
• RoHS product. (“G” = RoHS Compliant)
• Vendor specific part numbers are used to provide memory components source control. The place holder for this is shown as lower case“x” in
the part numbers above and is to be replaced with the respective vendors code. Consult factory for qualified sourcing options. (M = Micron,
S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option


Numéro de pièce similaire - WV3HG264M72EEU665D7IMG

FabricantNo de pièceFiches techniqueDescription
logo
White Electronic Design...
WV3HG264M72EEU665D6GG WEDC-WV3HG264M72EEU665D6GG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU665D6MG WEDC-WV3HG264M72EEU665D6MG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU665D6SG WEDC-WV3HG264M72EEU665D6SG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
More results

Description similaire - WV3HG264M72EEU665D7IMG

FabricantNo de pièceFiches techniqueDescription
logo
White Electronic Design...
WV3HG264M72EER-D7 WEDC-WV3HG264M72EER-D7 Datasheet
235Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG264M72EER-PD4 WEDC-WV3HG264M72EER-PD4 Datasheet
213Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG264M72EEU-PD4 WEDC-WV3HG264M72EEU-PD4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UDIMM, SO-DIMM w/PLL
WV3HG264M72EEU-D6 WEDC-WV3HG264M72EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
logo
White Electronic Design...
WV3HG128M72EER-D7 WEDC-WV3HG128M72EER-D7 Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com