Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WV3HG64M64EEU403D6GG Fiches technique(PDF) 9 Page - White Electronic Designs Corporation

No de pièce WV3HG64M64EEU403D6GG
Description  512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEDC [White Electronic Designs Corporation]
Site Internet  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG64M64EEU403D6GG Fiches technique(HTML) 9 Page - White Electronic Designs Corporation

Back Button WV3HG64M64EEU403D6GG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG64M64EEU403D6GG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG64M64EEU403D6GG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG64M64EEU403D6GG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG64M64EEU403D6GG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG64M64EEU403D6GG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG64M64EEU403D6GG Datasheet HTML 9Page - White Electronic Designs Corporation WV3HG64M64EEU403D6GG Datasheet HTML 10Page - White Electronic Designs Corporation WV3HG64M64EEU403D6GG Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
WV3HG64M64EEU-D6
December 2005
Rev. 0
ADVANCED
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
133.35 (5.25)
133.20 (5.244)
10.00 (0.394)
TYP
17.80 (0.700)
TYP
30.50 (1.201)
29.85 (1.175)
63.00 (2.48) TYP
55.00 (2.165) TYP
3.00
(0.118)
(4x)
4.00
(0.158)
(4x)
2.50 ± 0.20
(0.098 ± 0.007)
1.50 ± 0.10
(0.059 ± 0.004)
4.00 (0.158)
5.00
(0.196)
1.00 (0.039) TYP
0.80 ± 0.05
(0.032 ± 0.002) TYP
PIN 20
PIN 1
0.054 (1.37)
0.046 (1.17)
0.106 (2.70)
MAX
FRONT VIEW
BACK VIEW
+
+
PIN 1
PIN 121
PACKAGE DIMENSIONS FOR D6
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
ORDERING INFORMATION FOR D6
Part Number
Speed/Data Rate
CAS Latency
tRCD
tRP
Height*
WV3HG64M64EEU806D6xG**
400MHz/800Mb/s
6
6
6
30.00mm (1.181") TYP
WV3HG64M64EEU665D6xG**
333MHz/667Mb/s
5
5
5
30.00mm (1.181") TYP
WV3HG64M64EEU534D6xG
266MHz/533Mb/s
4
4
4
30.00mm (1.181") TYP
WV3HG64M64EEU403D6xG
200MHz/400Mb/s
3
3
3
30.00mm (1.181") TYP
** Consult factory for availability
NOTES:
• RoHS compliant product. (G = RoHS Compliant)
• Vendor specific part numbers are used to provide memory component source control. The place holder for this is shown as a lower case "x"
in the part numbers above and is to be replaced with respective vendors code. Consult factory for qualified sourcing options.
(G = Infineon, M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option


Numéro de pièce similaire - WV3HG64M64EEU403D6GG

FabricantNo de pièceFiches techniqueDescription
logo
White Electronic Design...
WV3HG64M64EEU403D4IMG WEDC-WV3HG64M64EEU403D4IMG Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
WV3HG64M64EEU403D4ISG WEDC-WV3HG64M64EEU403D4ISG Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
WV3HG64M64EEU403D4MG WEDC-WV3HG64M64EEU403D4MG Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
WV3HG64M64EEU403D4SG WEDC-WV3HG64M64EEU403D4SG Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
More results

Description similaire - WV3HG64M64EEU403D6GG

FabricantNo de pièceFiches techniqueDescription
logo
White Electronic Design...
WV3HG64M64EEU-D4 WEDC-WV3HG64M64EEU-D4 Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
W3DG6465V-D1 WEDC-W3DG6465V-D1 Datasheet
80Kb / 5P
   512MB- 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-AD1 WEDC-WED3DG6466V-AD1 Datasheet
137Kb / 7P
   512MB - 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-D2 WEDC-WED3DG6466V-D2 Datasheet
147Kb / 9P
   512MB -64Mx64, SDRAM UNBUFFERED
WED3DG6466V-D1 WEDC-WED3DG6466V-D1 Datasheet
144Kb / 7P
   512MB -64Mx64 SDRAM UNBUFFERED
W3EG6465S-D3 WEDC-W3EG6465S-D3 Datasheet
180Kb / 11P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6465S-D4 WEDC-W3EG6465S-D4 Datasheet
88Kb / 8P
   512MB- 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D3 WEDC-WV3EG64M64ETSU-D3 Datasheet
236Kb / 10P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6464S-JD3 WEDC-W3EG6464S-JD3 Datasheet
293Kb / 12P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com