Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WV3HG32M40SEU665PD4IEG Fiches technique(PDF) 6 Page - White Electronic Designs Corporation

No de pièce WV3HG32M40SEU665PD4IEG
Description  128MB - 32Mx40 DDR2 SDRAM UNBUFFERED, ECC, w/PLL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEDC [White Electronic Designs Corporation]
Site Internet  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG32M40SEU665PD4IEG Fiches technique(HTML) 6 Page - White Electronic Designs Corporation

Back Button WV3HG32M40SEU665PD4IEG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG32M40SEU665PD4IEG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG32M40SEU665PD4IEG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG32M40SEU665PD4IEG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG32M40SEU665PD4IEG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG32M40SEU665PD4IEG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG32M40SEU665PD4IEG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG32M40SEU665PD4IEG Datasheet HTML 9Page - White Electronic Designs Corporation WV3HG32M40SEU665PD4IEG Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
WV3HG32M40SEU-PD4
June 2006
Rev. 2
ADVANCED
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
DDR2 ICC SPECIFICATION AND CONDITIONS
Symbol Proposed Conditions
665
534
403
Units
ICC0*
Operating one bank active-precharge;
tCK = tCK(ICC), tRC = tRC(ICC), tRAS = tRAS min(ICC); CKE is HIGH, CS# is HIGH between valid commands;
Address bus inputs are SWITCHING; Data bus inputs are SWITCHING
660
630
615
mA
ICC1*
Operating one bank active-read-precharge;
IOUT = 0mA; BL = 4, CL = CL(ICC), AL = 0; tCK = tCK(ICC), tRC = tRC (ICC), tRAS = tRAS min(ICC); CKE is
HIGH, CS# is HIGH between valid commands; Address bus inputs are SWITCHING; Data pattern is
same as ICC4W
720
690
675
mA
ICC2P**
Precharge power-down current;
All banks idle; tCK = tCK(ICC); CKE is LOW; Other control and address bus inputs are STABLE; Data bus
inputs are FLOATING
330
330
324
mA
ICC2Q**
Precharge quiet standby current;
All banks idle; tCK = tCK(ICC); CKE is HIGH, CS# is HIGH; Other control and address bus inputs are
STABLE; Data bus inputs are FLOATING
390
375
360
mA
ICC2N**
Precharge standby current;
All banks idle; tCK = tCK(ICC); CKE is HIGH, CS# is HIGH; Other control and address bus inputs are
STABLE; Data bus inputs are SWITCHING
405
390
375
mA
ICC3P**
Active power-down current;
All banks open; tCK = tCK(ICC); CKE is LOW; Other control and
address bus inputs are STABLE; Data bus inputs are FLOATING
Fast PDN Exit MRS(12) = 0
405
390
330
mA
Slow PDN Exit MRS(12) = 1
360
360
360
mA
ICC3N**
Active standby current;
All banks open; tCK = tCK(ICC), tRC = tRC(ICC, tRAS = tRAS min(ICC); CKE is HIGH, CS# is HIGH between
valid commands; Other control and address bus inputs are SWITCHING; Data bus inputs are
SWITCHING
480
450
450
mA
ICC4W*
Operating burst write current;
All banks open, Continuous burst writes; BL = 4, CL = CL(ICC), AL = 0; tCK = tCK(ICC), tRAS = tRASmax(ICC),
tRP = tRP(ICC); CKE is HIGH, CS# is HIGH between valid commands; Address bus inputs are
SWITCHING; Data bus inputs are SWITCHING
990
885
780
mA
ICC4R*
Operating burst read current;
All banks open, Continuous burst reads, IOUT = 0mA; BL = 4, CL = CL(ICC), AL = 0; tCK = tCK(ICC), tRAS =
tRASmax(ICC), tRP = tRP(ICC); CKE is HIGH, CS# is HIGH between valid commands; Address bus inputs
are SWITCHING; Data pattern is same as ICC4W
990
885
780
mA
ICC5**
Burst auto refresh current;
tCK = tCK(ICC); Refresh command at every tRFC(ICC) interval; CKE is HIGH, CS# is HIGH between valid
commands; Other control and address bus inputs are SWITCHING; Data bus inputs are SWITCHING
1,110
1,050
990
mA
ICC6**
Self refresh current;
CK and CK# at 0V; CKE 0.2V; Other control and address bus inputs
are FLOATING; Data bus inputs are FLOATING
Normal
18
18
18
mA
ICC7*
Operating bank interleave read current;
All bank interleaving reads, IOUT = 0mA; BL = 4, CL = CL(ICC), AL = tRCD(ICC)-1*tCK(ICC); tCK = tCK(ICC),
tRC = tRC(ICC), tRRD = tRRD(ICC), tRCD = 1*tCK(ICC); CKE is HIGH, CS# is HIGH between valid commands;
Address bus inputs are STABLE during DESELECTs; Data bus inputs are SWITCHING.
1,725
1,470
1,245
mA
ICC specification is based on
ELPIDA components. Other DRAM manufactures specification may be different.
Note:
*: Value calculated as one module rank in this operating condition, and all other module ranks in ICC2P (CKE LOW) mode.
**: Value calculated reflects all module ranks in this operating condition.


Numéro de pièce similaire - WV3HG32M40SEU665PD4IEG

FabricantNo de pièceFiches techniqueDescription
logo
White Electronic Design...
WV3HG128M72AER-AD6 WEDC-WV3HG128M72AER-AD6 Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
WV3HG128M72AER-D6 WEDC-WV3HG128M72AER-D6 Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG128M72AER403AD6EG WEDC-WV3HG128M72AER403AD6EG Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
WV3HG128M72AER403AD6IEG WEDC-WV3HG128M72AER403AD6IEG Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
WV3HG128M72AER403AD6IMG WEDC-WV3HG128M72AER403AD6IMG Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
More results

Description similaire - WV3HG32M40SEU665PD4IEG

FabricantNo de pièceFiches techniqueDescription
logo
White Electronic Design...
WV3HG2128M72EEU-AD4 WEDC-WV3HG2128M72EEU-AD4 Datasheet
180Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED, ECC w/PLL
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
W3EG7218S-AD4 WEDC-W3EG7218S-AD4 Datasheet
164Kb / 13P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7217S-D3 WEDC-W3EG7217S-D3 Datasheet
276Kb / 12P
   128MB - 16Mx72 DDR SDRAM REGISTERED, ECC w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG128M72ETSU-D3 WEDC-W3EG128M72ETSU-D3 Datasheet
265Kb / 14P
   1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG7264S-AD4 WEDC-W3EG7264S-AD4 Datasheet
197Kb / 13P
   512MB - 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
WV3HG264M72EEU-D7 WEDC-WV3HG264M72EEU-D7 Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
WV3HG64M72EEU-PD4 WEDC-WV3HG64M72EEU-PD4 Datasheet
150Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM, UNBUFFERED SO-DIMM, w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com