Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54ACTQ541W-QMLV Fiches technique(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce 54ACTQ541W-QMLV
Description  Octal Buffer/Line Driver with TRI-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ541W-QMLV Fiches technique(HTML) 5 Page - National Semiconductor (TI)

  54ACTQ541W-QMLV Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ541W-QMLV Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ541W-QMLV Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ541W-QMLV Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ541W-QMLV Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ541W-QMLV Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ541W-QMLV Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MV54ACTQ541-X REV 0A0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS(Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
VCC 4.5V to 5.5V, Temp. Range: -55C to 125C.
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
ICCT
Supply Current
per Input
VCC=5.5V, VIHT=3.4V, VINH=5.5V,
VINL=0.0V
1, 2 VCC
1.0
mA
1
1, 2 VCC
1.6
mA
2, 3
IOZH
Maximum TRI-STATE
Leakage Current
VCC=4.5V, VM=4.5V, VIH=2.0V,
VINH=4.5V, VINL=0.0V
1, 2 OUTPUT
0.25
uA
1
1, 2 OUTPUT
5.0
uA
2, 3
VCC=5.5V, VM=5.5V, VIH=2.0V,
VINH=5.5V, VINL=0.0V
1, 2 OUTPUT
0.25
uA
1
1, 2 OUTPUT
5.0
uA
2, 3
IOZL
Maximum TRI-STATE
Leakage Current
VCC=4.5V, VM=0.0V, VIH=2.0V,
VINH=4.5V, VINL=0.0V
1, 2 OUTPUT
-0.25
uA
1
1, 2 OUTPUT
-5.0
uA
2, 3
VCC=5.5V, VM=0.0V, VIH=2.0V,
VINH=5.5V, VINL=0.0V
1, 2 OUTPUT
-0.25
uA
1
1, 2 OUTPUT
-5.0
uA
2, 3
VIKL
Negative Input
Clamp Voltage
VCC=4.5V, IKL=-18mA
1, 2 INPUT
-1.2
V
1, 2,
3
VIKH
Positive Input
Clamp Voltage
VCC=4.5V, IKH=18mA
1, 2 INPUT
5.7
V
1, 2,
3
VILD
Maximum Low Level
Dynamic Input
Voltage
VCC=5.0V, LOAD 50pF / 500 OHMS
6, 9 INPUT
0.8
V
4
VIHD
Minimum High
Level Dynamic
Input Voltage
VCC=5.0V, LOAD 50pF / 500 OHMS
6, 9 INPUT
2.2
V
4
VOLP
Quiet Output
Maximum Dynamic
Vol
VCC=5.0V, LOAD 50pF / 500 OHMS
6, 8 OUTPUT
1.5
V
4
VOLV
Quiet Output
Minimum Dynamic
Vol
VCC=5.0V, LOAD 50pF / 500 OHMS
6, 8 OUTPUT
-1.2
V
4
5


Numéro de pièce similaire - 54ACTQ541W-QMLV

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54ACTQ541 NSC-54ACTQ541 Datasheet
117Kb / 6P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Description similaire - 54ACTQ541W-QMLV

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT240 NSC-54FCT240 Datasheet
129Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540 NSC-54FCT540 Datasheet
125Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541 NSC-54FCT541 Datasheet
131Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541 NSC-54ABT541 Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
5962-86716012A TI-5962-86716012A Datasheet
111Kb / 5P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT244 TI1-54ABT244_13 Datasheet
306Kb / 10P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com