Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-5531 Fiches technique(PDF) 8 Page - Agilent(Hewlett-Packard)

No de pièce HCPL-5531
Description  Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5531 Fiches technique(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL-5531 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5531 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5531 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5531 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5531 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5531 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-5531 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-5531 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-5531 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Electrical Characteristics
TA = -55° C to +125° C, unless otherwise specified. See Note 12.
*All typical values are at VCC = 5 V, TA = 25°C.
Parameter
Symbol
Group A,
Sub-
group
Test Conditions
Limits
Units
Fig.
Notes
Min.
Typ.*
Max.
Current Transfer Ratio
CTR
1, 2, 3
VO = 0.4V, IF = 16 mA, VCC = 4.5V
9
20
%
2, 3
1, 2, 10
Logic High Output Current
IOH
1, 2, 3
IF = 0,
IF (other channels) = 20 mA
VO = VCC = 18 V
5
100
µA
41
Output Leakage Current
IOLeak
1, 2, 3
IF = 250
µA,
IF (other channels) = 20 mA,
VO = VCC = 18 V
30
250
µA
41
Input-Output Insulation Leakage
Current
II-O
1VI-O = 1500 Vdc,
RH
≤ 65%,
TA = 25°C, t = 5 s
1.0
µA
3, 9
Input Forward Voltage
VF
1, 2, 3
IF = 20 mA
1.55
1.8
V
1
1, 14
1.9
1, 13
Reverse Breakdown Voltage
BVR
1, 2, 3
IR = 10
µA5
V
1, 14
31, 13
Logic High Supply
Current
Single
Channel
ICCH
1, 2, 3
VCC = 18 V, IF = 0 mA
0.1
10
µA
1
Dual
Channel
VCC = 18 V, IF = 0 mA (all channels)
0.2
20
1,4
Quad
Channel
VCC = 18 V, IF = 0 mA (all channels)
0.4
40
1
Logic Low Supply
Current
Single
Channel
ICCL
1, 2, 3
VCC = 18 V, IF = 20 mA
35
200
µA
1
Dual
Channel
VCC = 18 V, IF1 = IF2 = 20 mA
70
400
1, 4
Quad
Channel
VCC = 18 V, IF1 = IF2 = IF3 = IF4 = 20
mA
140
800
1
Propagation Delay Time to Logic
High at Output
tPLH
9, 10, 11
RL = 8.2 k
Ω,
CL = 50 pF,
IF = 16 mA,
VCC = 5 V
1.0
6.0
µs
6, 9
1, 6
Propagation Delay Time to Logic
Low at Output
tPHL
0.4
2.0


Numéro de pièce similaire - HCPL-5531

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-5531 HP-HCPL-5531 Datasheet
244Kb / 12P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5531 AVAGO-HCPL-5531 Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-5531 AVAGO-HCPL-5531 Datasheet
190Kb / 13P
   Hermetically Sealed, Tansistor Output Optocouplers for Analog and Digital Applications
More results

Description similaire - HCPL-5531

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-6551 AVAGO-HCPL-6551 Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
Agilent(Hewlett-Packard...
4N55 HP-4N55 Datasheet
244Kb / 12P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5531 AVAGO-HCPL-5531 Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
Broadcom Corporation.
4N55 BOARDCOM-4N55 Datasheet
1Mb / 15P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-257K AVAGO-HCPL-257K Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-6531 AVAGO-HCPL-6531 Datasheet
190Kb / 13P
   Hermetically Sealed, Tansistor Output Optocouplers for Analog and Digital Applications
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com