Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC1G86 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74HC1G86
Description  2-input EXCLUSIVE-OR gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC1G86 Fiches technique(HTML) 4 Page - NXP Semiconductors

  74HC1G86 Datasheet HTML 1Page - NXP Semiconductors 74HC1G86 Datasheet HTML 2Page - NXP Semiconductors 74HC1G86 Datasheet HTML 3Page - NXP Semiconductors 74HC1G86 Datasheet HTML 4Page - NXP Semiconductors 74HC1G86 Datasheet HTML 5Page - NXP Semiconductors 74HC1G86 Datasheet HTML 6Page - NXP Semiconductors 74HC1G86 Datasheet HTML 7Page - NXP Semiconductors 74HC1G86 Datasheet HTML 8Page - NXP Semiconductors 74HC1G86 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1998 Aug 05
4
Philips Semiconductors
Product specification
2-input EXCLUSIVE-OR gate
74HC1G86;
74HCT1G86
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); voltages are referenced to GND (ground = 0 V).
Note
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
SYMBOL
PARAMETER
74HC1G
74HCT1G
UNIT
CONDITIONS
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VCC
DC supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
VCC
0
VCC
V
VO
output voltage
0
VCC
0
VCC
V
Tamb
operating ambient
temperature range
−40
+25
+125 −40
+25
+125
°C
see DC and AC
characteristics per
device
tr,tf
input rise and fall times
except for Schmitt-trigger
inputs
−−
1000
−−−
ns
VCC = 2.0 V
−−
500
−−
500
ns
VCC = 4.5 V
−−
400
−−−
ns
VCC = 6.0 V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
DC supply voltage
−0.5
+7.0
V
±I
IK
DC input diode current
VI <−0.5 or VI > VCC + 0.5 V; note 1
20
mA
±IOK
DC output diode current
VO <−0.5 or VO > VCC + 0.5 V; note 1
20
mA
±I
O
DC output source or sink current
standard outputs
−0.5 V < VO < VCC + 0.5 V; note 1
12.5
mA
±I
CC
DC VCC or GND current for types
with standard outputs
note 1
25
mA
Tstg
storage temperature range
−65
+150
°C
PD
power dissipation per package
for temperature range:
−40 to +125 °C
5 pins plastic SC-88A
above +55
°C derate linearly with
2.5 mW/K
200
mW


Numéro de pièce similaire - 74HC1G86

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC1G86 NXP-74HC1G86 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Nexperia B.V. All right...
74HC1G86 NEXPERIA-74HC1G86 Datasheet
208Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 5 - 27 January 2022
74HC1G86-Q100 NEXPERIA-74HC1G86-Q100 Datasheet
684Kb / 12P
   2-input EXCLUSIVE-OR gate
logo
NXP Semiconductors
74HC1G86GV NXP-74HC1G86GV Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
74HC1G86GV NXP-74HC1G86GV Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
More results

Description similaire - 74HC1G86

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
   2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
   2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
   2-input EXCLUSIVE-OR gate
2002 Jun 06
logo
Renesas Technology Corp
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
   2-input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
   2-input Exclusive-OR Gate
logo
NXP Semiconductors
74LVC1G86 PHILIPS-74LVC1G86 Datasheet
69Kb / 12P
   2-input EXCLUSIVE-OR gate
2001 Apr 06
74HC1G86 NXP-74HC1G86 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
74LVC1G86 NXP-74LVC1G86 Datasheet
87Kb / 14P
   2-input EXCLUSIVE-OR gate
Rev. 06-18 July 2007
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
   2-input Exclusive-OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com