Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC1G14 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74HC1G14
Description  Inverting Schmitt-trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC1G14 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74HC1G14 Datasheet HTML 7Page - NXP Semiconductors 74HC1G14 Datasheet HTML 8Page - NXP Semiconductors 74HC1G14 Datasheet HTML 9Page - NXP Semiconductors 74HC1G14 Datasheet HTML 10Page - NXP Semiconductors 74HC1G14 Datasheet HTML 11Page - NXP Semiconductors 74HC1G14 Datasheet HTML 12Page - NXP Semiconductors 74HC1G14 Datasheet HTML 13Page - NXP Semiconductors 74HC1G14 Datasheet HTML 14Page - NXP Semiconductors 74HC1G14 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
2002 May 15
11
Philips Semiconductors
Product specification
Inverting Schmitt-triggers
74HC1G14; 74HCT1G14
APPLICATION INFORMATION
The slow input rise and fall times cause additional power
dissipation, this can be calculated using the following
formula:
Pad =fi × (tr × ICCa +tf × ICCa) × VCC
Where:
Pad = additional power dissipation (µW)
fi = input frequency (MHz)
tr = input rise time (ns); 10% to 90%
tf = input fall time (ns); 90% to 10%
ICCa = average additional supply current (µA).
Average ICCa differs with positive or negative input
transitions, as shown in Fig.14 and Fig.15.
HC1G/HCT1G14 used in relaxation oscillator circuit,
see Fig.14 and Fig.16.
Note to the application information:
1. All values given are typical unless otherwise specified.
Fig.14 Average ICC for HC1G Schmitt-trigger
devices; linear change of VI between
0.1VCC to 0.9VCC.
handbook, halfpage
0
2.0
4.0
6.0
VCC (V)
200
150
50
0
100
MNA036
ICC(AV)
(
µA)
positive-going
edge
negative-going
edge
Fig.15 Average ICC for HCT1G Schmitt-trigger
devices; linear change of VI between
0.1VCC to 0.9VCC.
handbook, halfpage
04
6
2
VCC (V)
200
100
50
150
0
MNA058
ICC(AV)
(
µA)
positive-going
edge
negative-going
edge
Fig.16 Relaxation oscillator using the
HC1G/HCT1G14.
For HC1G:
For HCT1G:
f
1
T
---
1
0.8
RC
×
-----------------------
=
f
1
T
---
1
0.67
RC
×
---------------------------
=
handbook, halfpage
MNA035
R
C


Numéro de pièce similaire - 74HC1G14

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
74HC1G14 NEXPERIA-74HC1G14 Datasheet
240Kb / 14P
   Inverting Schmitt trigger
Rev. 7 - 17 January 2022
74HC1G14-Q100 NEXPERIA-74HC1G14-Q100 Datasheet
720Kb / 16P
   Inverting Schmitt trigger
logo
NXP Semiconductors
74HC1G14GV NXP-74HC1G14GV Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
74HC1G14GV NXP-74HC1G14GV Datasheet
131Kb / 16P
   Inverting Schmitt trigger
Rev. 6-27 December 2012
More results

Description similaire - 74HC1G14

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com