Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC1G00 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce 74HC1G00
Description  2-input NAND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC1G00 Fiches technique(HTML) 2 Page - NXP Semiconductors

  74HC1G00 Datasheet HTML 1Page - NXP Semiconductors 74HC1G00 Datasheet HTML 2Page - NXP Semiconductors 74HC1G00 Datasheet HTML 3Page - NXP Semiconductors 74HC1G00 Datasheet HTML 4Page - NXP Semiconductors 74HC1G00 Datasheet HTML 5Page - NXP Semiconductors 74HC1G00 Datasheet HTML 6Page - NXP Semiconductors 74HC1G00 Datasheet HTML 7Page - NXP Semiconductors 74HC1G00 Datasheet HTML 8Page - NXP Semiconductors 74HC1G00 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2002 May 15
2
Philips Semiconductors
Product specification
2-input NAND gate
74HC1G00; 74HCT1G00
FEATURES
• Wide supply voltage range from 2.0 to 6.0 V
• Symmetrical output impedance
• High noise immunity
• Low power dissipation
• Balanced propagation delays
• Very small 5 pins package
• Output capability: standard.
DESCRIPTION
The 74HC1G/HCT1G00 is a high speed Si-gate CMOS
device.
The 74HC1G/HCT1G00 provides the 2-input NAND
function. The standard output currents are 1
2 compared to
the 74HC/HCT00.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 6.0 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
∑ (CL × VCC2 × fo) = sum of outputs.
2. For HC1G the condition is VI = GND to VCC.
For HCT1G the condition is VI = GND to VCC − 1.5 V.
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC1G
HCT1G
tPHL/tPLH
propagation delay A, B to Y
CL = 15 pF; VCC = 5 V
7
10
ns
CI
input capacitance
1.5
1.5
pF
CPD
power dissipation capacitance
notes 1 and 2
19
21
pF
INPUTS
OUTPUT
AB
Y
LL
H
LH
H
HLH
HH
L


Numéro de pièce similaire - 74HC1G00

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC1G00 NXP-74HC1G00 Datasheet
75Kb / 10P
   2-input NAND gate
Rev. 04-11 July 2007
logo
Nexperia B.V. All right...
74HC1G00 NEXPERIA-74HC1G00 Datasheet
206Kb / 10P
   2-input NAND gate
Rev. 6 - 21 January 2022
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
   2-input NAND gate
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
205Kb / 10P
   2-input NAND gate
Rev. 2 - 21 January 2022
logo
NXP Semiconductors
74HC1G00GV NXP-74HC1G00GV Datasheet
75Kb / 10P
   2-input NAND gate
Rev. 04-11 July 2007
More results

Description similaire - 74HC1G00

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
   2 INPUT NAND GATE
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
   2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
   2-INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
   2-input NAND Gate
logo
NXP Semiconductors
74AHC1G00 NXP-74AHC1G00 Datasheet
77Kb / 11P
   2-input NAND gate
Rev. 06-30 May 2007
logo
Unisonic Technologies
U74HC2G00 UTC-U74HC2G00 Datasheet
129Kb / 5P
   2-INPUT NAND GATE
logo
Renesas Technology Corp
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
   2-input NAND Gate
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
   2-input NAND Gate
logo
Nexperia B.V. All right...
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
   2-input NAND gate
74HC1G00 NEXPERIA-74HC1G00 Datasheet
206Kb / 10P
   2-input NAND gate
Rev. 6 - 21 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com