Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ES-22-CV-4-FPCQ-A5S Datasheet(Fiches technique) 4 Page - DB Lectro Inc

Numéro de pièce ES-22-CV-4-FPCQ-A5S
Description  Sealed Sub-Miniature Push button Switches
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  DBLECTRO [DB Lectro Inc]
Site Internet  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

ES-22-CV-4-FPCQ-A5S Datasheet(HTML) 4 Page - DB Lectro Inc

  ES-22-CV-4-FPCQ-A5S Datenblatt HTML 1Page - DB Lectro Inc ES-22-CV-4-FPCQ-A5S Datenblatt HTML 2Page - DB Lectro Inc ES-22-CV-4-FPCQ-A5S Datenblatt HTML 3Page - DB Lectro Inc ES-22-CV-4-FPCQ-A5S Datasheet HTML 4Page - DB Lectro Inc ES-22-CV-4-FPCQ-A5S Datenblatt HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ES40-P
Sealed SMT Sub-Miniature Push button Switches
(A)
ES
C V
R
2 0
SPECIFICATIONS
MATERIALS
16
D
Switches Function
Cap
Cap color
FEATURES:
How do you modify the switches you need!!
1
Plunger
CV
CV1
5.08
7.62
1 white
2 black
3 red
4 orange
5 yellow
6 green
7 blue
8 brown
9 gray
(none) std.
FP
flush type
1. Sealed construction - internal actuator o-ring and epoxy terminal seal standard
2. Carry the IP67 approvals
3. Surface mounting (SMT)
4. Tape and Reel package
CONTACT RATING:R- 0.4 VA max @ 20 V AC or DC
ELECTRICAL LIFE:30,000 make-and-break cycles at full load
CONTACT RESISTANCE: 20 m max. initial @2-4 VDC,100 mA
INSULATION RESISTANCE: 1,000 M min.
DIELECTRIC STRENGTH: 1,500 V RMS @ sea level.
DEGREE OF PROTECTION : IP67
OPERATING TEMPERATURE: -30 Cto85
C
Contact Material
ES-20
ES-20A
ES-26
ES-26A
ES-27
ES-27A
SPST off-mom. Sideward terminal
SPDT on-mom. Sideward terminal
SPST off-mom. Backward terminal
SPDT on-mom. Backward terminal
SPST off-mom. Backward terminal
SPDT on-mom. Backward terminal
Q silver plated
R gold plated
G gold over silver
K gold / tin-lead
IP67
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714
DB LECTRO Inc.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn